Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN2213LT1G Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMUN2213LT1G
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMUN2213LT1G Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMUN2213LT1G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2213LT1G Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 3.)
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k Ω)
LMUN2211LT1G
LMUN2212LT1G
LMUN2214LT1G
LMUN2215LT1G
LMUN2216LT1G
LMUN2230LT1G
LMUN2231LT1G
LMUN2232LT1G
LMUN2233LT1G
LMUN2234LT1G
LMUN2235LT1G
LMUN2238LT1G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 k Ω)
LMUN2213LT1G
(VCC = 5.0 V, VB = 5.0 V, RL = 1.0 k Ω)
LMUN2241LT1G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k Ω)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 k Ω )
LMUN2230LT1G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k Ω )
LMUN2215LT1G
LMUN2216LT1G
LMUN2233LT1G
LMUN2238LT1G
VOH
4.9
Vdc
Input Resistor
LMUN2211LT1G
LMUN2212LT1G
LMUN2213LT1G
LMUN2214LT1G
LMUN2215LT1G
LMUN2216LT1G
LMUN2230LT1G
LMUN2231LT1G
LMUN2232LT1G
LMUN2233LT1G
LMUN2234LT1G
LMUN2235LT1G
LMUN2238LT1G
LMUN2241LT1G
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
1.54
70
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
2.2
100
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
2.88
130
k
Resistor Ratio
LMUN2211LT1/LMUN2212LT1/LMUN2213LT1G
LMUN2214LT1G
LMUN2215LT1/LMUN2216LT1/LMUN2238LT1G
LMUN2241LT1G
LMUN2230LT1/LMUN2231LT1/LMUN2232LT1G
LMUN2233LT1G
LMUN2234LT1G
LMUN2235LT1G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.0
0.21
1.0
0.1
0.47
0.047
1.2
0.25
1.2
0.185
0.56
0.056
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
LMUN2211LT1G SERIES
Rev :
www.leiditech.com
01.06.2017
3/16


Similar Part No. - LMUN2213LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2213LT1G LRC-LMUN2213LT1G Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
LMUN2213LT1G LRC-LMUN2213LT1G Datasheet
189Kb / 16P
   Bias Resistor Transistor
LMUN2213LT1G LRC-LMUN2213LT1G_15 Datasheet
186Kb / 16P
   Bias Resistor Transistors
More results

Similar Description - LMUN2213LT1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com