Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN2212LT1G Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMUN2212LT1G
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMUN2212LT1G Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMUN2212LT1G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2212LT1G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2212LT1G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2212LT1G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2212LT1G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2212LT1G Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2212LT1G Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2212LT1G Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMUN2212LT1G Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
LMUN2211LT1G
100
10
1
0.1
0.01
0.001
0
123
4
Vin, INPUT VOLTAGE (VOLTS)
5
678
9
10
VO = 5 V
TA = –25°C
75
°C
25
°C
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
50
0
1020
3040
4
3
1
2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 A
TA = 25°C
VCE = 10 V
Figure 1. Derating Curve
250
200
150
100
50
0
–50
0
50
100
150
TA, AMBIENT TEMPERATURE (5°C)
Figure 2. VCE(sat) vs. IC
RθJA= 625°C/W
TA = 75°C
–25
°C
25
°C
10
020
30
IC, COLLECTOR CURRENT (mA)
10
1
0.1
40
50
Figure 3. DC Current Gain
TA = –25°C
75
°C
25
°C
VO = 0.2 V
1
0.1
0.01
0.001
020
40
60
80
IC, COLLECTOR CURRENT (mA)
IC/IB = 10
TA = –25°C
75
°C
25
°C
Figure 4. Output Capcitance
Figure 5. Output Current vs. Input Voltage
Figure 6. Input Voltage vs. Output Current
LMUN2211LT1G SERIES
Rev :
www.leiditech.com
01.06.2017
4/16


Similar Part No. - LMUN2212LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2212LT1G LRC-LMUN2212LT1G Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
LMUN2212LT1G LRC-LMUN2212LT1G Datasheet
189Kb / 16P
   Bias Resistor Transistor
LMUN2212LT1G LRC-LMUN2212LT1G_15 Datasheet
186Kb / 8P
   Bias Resistor Transistors
More results

Similar Description - LMUN2212LT1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com