Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

V53C1664H Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part No. V53C1664H
Description  HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V53C1664H Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
V53C1664H Rev. 1.0 February 1998
MOSEL VITELIC
V53C1664H
DC and Operating Characteristics (1-2)
TA = 0°C to 70°C, VCC = 5 V ± 10%, VSS = 0 V, unless otherwise specified.
Symbol
Parameter
Access
Time
V53C1664H
Unit
Test Conditions
Notes
Min.
Typ.
Max.
ILI
Input Leakage Current
(any input pin)
–10
10
µA
VSS ≤ VIN ≤ VCC
ILO
Output Leakage Current
(for High-Z State)
–10
10
µA
VSS ≤ VOUT ≤ VCC
RAS, CAS at VIH
ICC1
VCC Supply Current,
Operating
30
200
mA
tRC = tRC (min.)
1, 2
35
190
40
180
45
170
50
160
ICC2
VCC Supply Current,
TTL Standby
2
mA
RAS, CAS at VIH,
other inputs
≥ V
SS
ICC3
VCC Supply Current,
RAS-Only Refresh
30
200
mA
tRC = tRC (min.)
2
35
190
40
180
45
170
50
160
ICC4
VCC Supply Current,
Fast Page Mode Operation
30
190
mA
Minimum Cycle
1, 2
35
180
40
170
45
160
50
150
ICC5
VCC Supply Current,
Standby Output Enable
other inputs
≥ V
SS
2
mA
RAS = VIH
CAS = VIL
1
ICC6
VCC Supply Current,
CMOS Standby
1
mA
RAS
≥ V
CC – 0.2 V,
CAS
≥ V
CC – 0.2 V,
All other inputs
≥ V
SS
VCC
Supply Voltage
4.5
5.0
5.5
V
VIL
Input Low Voltage
–1
0.8
V
3
VIH
Input High Voltage
2.4
VCC + 1
V
3
VOL
Output Low Voltage
0.4
V
IOL = 4.2 mA
VOH
Output High Voltage
2.4
V
IOH = –5 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn