Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3063 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI3063
Description  GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI3063 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI3063 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3063 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3063 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3063 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3063 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3063 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3063 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3063 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3063 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Preliminary Rev. 0.9 1/05
Copyright © 2005 by Silicon Laboratories
Si306x
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si306x
GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
Features
Complete DAA includes the following:
Applications
Description
The Si306x is an integrated direct access arrangement (DAA) with a
programmable line interface to meet global telephone line interface
requirements. Available in a 16-pin small outline package, it eliminates
the need for an analog front end (AFE), an isolation transformer, relays,
opto-isolators, and a 2- to 4-wire hybrid. The Si306x dramatically reduces
the number of discrete components and cost required to achieve
compliance with global regulatory requirements. The Si306x interfaces
directly to a Silicon Laboratories integrated DAA system-side module.
Functional Block Diagram
80 dB dynamic range TX/RX paths to
support up to V.92 modem speeds
Programmable line interface
AC termination
DC termination
Ring detect threshold
Ringer impedance
Integrated codec and 2- to 4-wire
analog hybrid
Integrated ring detector
Pulse dialing support
Billing tone detection
Overload detection
> 5000 V isolation
Proprietary isolation interface to
integrated DAA module
Line voltage monitor
Loop current monitor
Caller ID support
Low-profile SOIC available in lead-
free/ROHS-compliant packages
V.92 soft modems
PDAs
Set-top boxes
Fax machines
POS terminals
Multi-function
Printers
Isolation
Interface
Hybrid and
dc
Termination
Ring Detect
Off-Hook
Si306x
QE2
QE
QB
RNG2
RNG1
DCT3
DCT2
VREG2
VREG
DCT
SC
IB
RX
Silicon
Laboratories
Embedded
System-side
DAA Module
US Patent # 5,870,046
US Patent # 6,061,009
Other Patents Pending
Ordering Information
See page 59.
Pin Assignments
Si306x
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
QE
DCT
RX
IB
C1B
C2B
VREG
RNG1
DCT2
IGND
DCT3
QB
QE2
SC
VREG2
RNG2


Similar Part No. - SI3063

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066-B-FS SILABS-SI3066-B-FS Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068-B-FS SILABS-SI3068-B-FS Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI306X SILABS-SI306X Datasheet
795Kb / 62P
   Programmable line interface
More results

Similar Description - SI3063

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI3038 ETC1-SI3038 Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
logo
PHOENIX CONTACT
2902874 PHOENIX-2902874 Datasheet
49Kb / 1P
   Replacement screw M4x25 for Yokogawa system cable, module side.
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
silex technology americ...
SX-590 SILEX-SX-590 Datasheet
7Mb / 1P
   Enterprise 802.11ac System on Module for Embedded Applications
REV B. 20192903
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com