Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-250250-4AA1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RFP-250250-4AA1
Description  Surface Mount Attenuators 8 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RFP-250250-4AA1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RFP-250250-4AA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFP-250250-4AA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model RFP-250250-4AAXX
Specifications
2
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Power Derating
Suggested Mounting Procedures
1. Solder part in place using 60/40 type solder with controlled
temperature iron (700°F).
2. Drill thermal vias through PCB and fill with solder, such as
60/40 type.
3. To ensure good thermal connectivity to heat sink, drill and
tap heatsink and mount PCB board to heat sink using
screws.
FILLED VIA
SOLDER
HEATSINK
PC BOARD
PASTE
SOLDER
SCREW
(2 PLS.)
SOLDER
PASTE
P.C.B. SOLDER INTERFACE TEMPERATURE —
°C
150
125
100
75
50
25
100
75
25
50
0
PART NUMBER ATTENUATION (dB)TOL. (+/-dB) WIDTH LENGTH THK POWER (WATTS) VSWR FREQ.(GHz)
RFP-250250-4AA1
1
0.30
0.25
0.25
0.04
8
1.20:1
2.5
RFP-250250-4AA2
2
0.40
0.25
0.25
0.04
8
1.20:1
2.5
RFP-250250-4AA3
3
0.40
0.25
0.25
0.04
8
1.20:1
2.5
RFP-250250-4AA4
4
0.40
0.25
0.25
0.04
8
1.20:1
2.5
RFP-250250-4AA5
5
0.40
0.25
0.25
0.04
8
1.25:1
2.5
RFP-250250-4AA6
6
0.40
0.25
0.25
0.04
8
1.30:1
2.5
RFP-250250-4AA9
9
0.40
0.25
0.25
0.04
8
1.30:1
2.5
RFP-250250-4AA10
10
0.40
0.25
0.25
0.04
8
1.30:1
2.5
RFP-250250-4AA20
20
0.75
0.25
0.25
0.04
8
1.25:1
2.5
RFP-250250-4AA30
30
1.50
0.25
0.25
0.04
8
1.20:1
2.0
Available on Tape and Reel for Pick and Place Manufacturing.


Similar Part No. - RFP-250250-4AA1

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
More results

Similar Description - RFP-250250-4AA1

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATORS
logo
Anaren Microwave
D8NAXXY4 ANAREN-D8NAXXY4 Datasheet
247Kb / 3P
   Surface Mount Attenuator 8 Watts
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
logo
IRC - a TT electronics ...
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
logo
List of Unclassifed Man...
TFA-54DD ETC-TFA-54DD Datasheet
752Kb / 1P
   SURFACE MOUNT RF POWER ATTENUATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com