Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP3400G Datasheet(PDF) 68 Page - Micronas

Part # MSP3400G
Description  Multistandard Sound Processor Family
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400G Datasheet(HTML) 68 Page - Micronas

Back Button MSP3400G Datasheet HTML 64Page - Micronas MSP3400G Datasheet HTML 65Page - Micronas MSP3400G Datasheet HTML 66Page - Micronas MSP3400G Datasheet HTML 67Page - Micronas MSP3400G Datasheet HTML 68Page - Micronas MSP3400G Datasheet HTML 69Page - Micronas MSP3400G Datasheet HTML 70Page - Micronas MSP3400G Datasheet HTML 71Page - Micronas MSP3400G Datasheet HTML 72Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 106 page
background image
MSP 34x0G
DATA SHEET
68
May 27, 2003; 6251-476-1DS
Micronas
4.6.3. Characteristics
For Min./Max. values:
at TA = 0 to 70 °C, fCLOCK = 18.432 MHz
VSUP1 = 7.6 to 8.7 V (4.75 to 5.25 V if VSUP1 = 5 V)
VSUP2 = 4.75 to 5.25 V (3.15 to 3.45 V if VSUP2 = 3.3 V)
VSUP3 = 4.75 to 5.2 V
For typical values:
at TA = 60 °C, fCLOCK = 18.432 MHz
VSUP1 = 8 V (5 V if noted)
VSUP2 = 5 V (3.3 V if noted)
VSUP3 = 5 V
TJ = Junction Temperature
MAIN (M) = Loudspeaker Channel, AUX (A) = Headphone Channel
4.6.3.1. General Characteristics
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
Supply
ISUP1A
First Supply Current (active)
(AHVSUP = 8 V)
AHVSUP
17
11
25
16
mA
mA
Vol. Main and Aux = 0 dB
Vol. Main and Aux = -30dB
First Supply Current (active)
(AHVSUP = 5 V)
11
8
17
11
mA
mA
Vol. Main and Aux = 0 dB
Vol. Main and Aux = -30 dB
ISUP2A
Second Supply Current (active)
(DVSUP = 5 V)
DVSUP
5570mA
Second Supply Current (active)
(DVSUP = 3.3 V)
55
70
mA
ISUP3A
Third Supply Current (active)
AVSUP
30
38
mA
ISUP1S
First Supply Current
(AHVSUP = 8 V)
AHVSUP
5.6
7.7
mA
STANDBYQ = low
First Supply Current
(AHVSUP = 5 V)
3.7
5.1
mA
Clock
fCLOCK
Clock Input Frequency
XTAL_IN
18.432
MHz
DCLOCK
Clock High to Low Ratio
45
55
%
tJITTER
Clock Jitter (Verification not
provided in Production Test)
50
ps
VxtalDC
DC-Voltage Oscillator
2.5
V
tStartup
Oscillator Startup Time at
VDD Slew-rate of 1 V/1
µs
XTAL_IN,
XTAL_OUT
0.4
2
ms
VACLKAC
Audio Clock Output AC Voltage
AUD_CL_OUT
1.2
1.8
Vpp
load = 40 pF
VACLKDC
Audio Clock Output DC Voltage
0.4
0.6
VSUP3
Imax = 0.2 mA
routHF_ACL
HF Output Resistance
140


Similar Part No. - MSP3400G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
   Multistandard Sound Processors
More results

Similar Description - MSP3400G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com