Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML3406 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML3406
Description  Synchronous Step-Down DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ML3406 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML3406 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML3406 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML3406 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML3406 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3406 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3406 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3406 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3406 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3406 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 / 12
Rev. E, Sep 2005
ML3406
Pin Configuration
Marking Rule
Description
Symbol
1 Product Name: DC-DC Step Down
7
2 Product Series: 01:ML3406
1
Vout=FB
B
Vout=1.5V
5
3 Item
Vout=1.8V
8
4
Pin Functions
Run (Pin1):
Run control Input. Forcing this pin above 1.5V enables the
part. Forcing this pin below 0.3V shuts down the device. In
shutdown, all functions are disabled drawing <1µA supply
current. Do not leave RUN floating.
GND (Pin 2):
Ground Pin.
SW (Pin 3):
Switch Node Connection to Inductor. This pin connects to
the drains of the internal main and synchronous power
MOSFET switches.
Vin (Pin 4):
Main Supply Pin. Must be closely decoupled to GND, Pin 2,
with a 2.2µF or greater ceramic capacitor.
VFB (Pin 5) (ML3406-FB):
Feedback Pin. Receives the feedback voltage from an
external resistive divider across the output.
Vout (Pin5) (ML3406-1.5V, 1.8V)
Output voltage Feedback Pin. An internal resistive divider
divides the output voltage down for comparison to the
internal reference voltage


Similar Part No. - ML3406

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063N MINILOGIC-ML34063N Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063NG MINILOGIC-ML34063NG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results

Similar Description - ML3406

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com