Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFT2014N Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PFT2014N
Description  THYRISTOR MODULE 200A / 400V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PFT2014N Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PFT2014N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PFT2014N Datasheet HTML 2Page - Nihon Inter Electronics Corporation PFT2014N Datasheet HTML 3Page - Nihon Inter Electronics Corporation PFT2014N Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
• Thermal Characteristics
Maximum Value.
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Peak Off-State Current
IDM
VDM= VDRM, Tj= 150
°C
50
mA
Peak Reverse Current
IRM
VRM= VRRM, Tj= 150
°C
50
mA
Peak Forward Voltage
VTM
ITM= 600A, Tj=25
°C
1.19
V
Tj=-40
°C
300
Tj=25
°C
150
Gate Current to Trigger
IGT
VD=6V,IT=1A
Tj=125
°C
60
mA
Tj=-40
°C
5.0
Tj=25
°C
3.0
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
Tj=125
°C
1.5
V
Gate Non-Trigger Voltage
VGD
VD=2/3VDRM Tj=125
°C
0.25
V
Latching Current
IL
Tj=25
°C
150
mA
Holding Current
IH
Tj=25
°C
100
mA
Thermal Resistance *1
Rth(j-c) Junction to Case
0.05
°C/W
Value Per 1Arm
*1:Value Per Module


Similar Part No. - PFT2014N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT2014N NIEC-PFT2014N Datasheet
198Kb / 3P
   200A Avg 300 Volts
logo
Kyocera Kinseki Corpota...
PFT2014N KSS-PFT2014N Datasheet
295Kb / 3P
   Thyristor
logo
Nihon Inter Electronics...
PFT2014N NIEC-PFT2014N_1 Datasheet
198Kb / 3P
   200A Avg 300 Volts
logo
National Instruments Co...
PFT2014N NI-PFT2014N_15 Datasheet
198Kb / 3P
   THYRISTOR
More results

Similar Description - PFT2014N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT2004N NIEC-PFT2004N Datasheet
223Kb / 4P
   THYRISTOR MODULE 200A / 400V
logo
MacMic
MMK200X040DA MACMIC-MMK200X040DA Datasheet
130Kb / 2P
   400V 200A Thyristor Module
MMF200Y040DK1 MACMIC-MMF200Y040DK1 Datasheet
725Kb / 3P
   400V 200A FRED Module
MMK200S160B MACMIC-MMK200S160B Datasheet
392Kb / 4P
   200A Thyristor Module
MMF200ZB040DK1 MACMIC-MMF200ZB040DK1 Datasheet
380Kb / 3P
   400V 200A DUTO FRED Module
MMF200ZB040DK1B MACMIC-MMF200ZB040DK1B Datasheet
333Kb / 3P
   400V 200A DUTO FRED Module
MMF200ZB040DK1C MACMIC-MMF200ZB040DK1C Datasheet
317Kb / 3P
   400V 200A DUTO FRED Module
MMF200ZB040DK1D MACMIC-MMF200ZB040DK1D Datasheet
279Kb / 3P
   400V 200A DUTO FRED Module
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
   THYRISTOR MODULE 200A / 1600V
PCH2008 NIEC-PCH2008 Datasheet
256Kb / 5P
   THYRISTOR MODULE 200A/800V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com