Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL2904 Datasheet(PDF) 3 Page - Integral Corp.

Part # IL2904
Description  Low Power Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL2904 Datasheet(HTML) 3 Page - Integral Corp.

  IL2904 Datasheet HTML 1Page - Integral Corp. IL2904 Datasheet HTML 2Page - Integral Corp. IL2904 Datasheet HTML 3Page - Integral Corp. IL2904 Datasheet HTML 4Page - Integral Corp. IL2904 Datasheet HTML 5Page - Integral Corp. IL2904 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IL2904
DC ELECTRICAL CHARACTERISTICS (TA=-40 to +85°C)
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIO
Maximum Input Offset
Voltage
VO=1.4V VCC=5.0-30V;RS=0Ω
VICM=0V to VCC-1.7V
9.0
5.0*
mV
∆V
IO/∆T
Input Offset Voltage
Drift
RS=0Ω, VCC=30V
7.0
µV/°C
IIO
Maximum Input Offset
Current
VCC=5.0V
150
50*
nA
∆I
IO/∆T
Input Offset Current
Drift
RS=0Ω, VCC=30V
10
pA/
°C
IIB
Maximum Input Bias
Current
VCC=5.0V
500
250*
nA
VICR
Input Common Mode
Voltage Range
VCC=30V
0
28
V
ICC
Maximum Power Supply
Current
RL=∞,VCC=30V,V0=0V
RL=∞,VCC=5V,V0=0V
3
1.2
mA
AVOL
Minimum Large Signal
Open-Loop Voltage Gain
VCC=15V, RL≥2KΩ
15
25*
V/mV
VOH
Minimum Output High-
Level Voltage Swing
VCC=30V,RL=2KΩ
VCC=30V,RL=10KΩ
26
27
V
VOL
Maximum Output Low-
Level Voltage Swing
VCC=5V,RL=10KΩ
20
mV
CMR
Common Mode
Rejection
VCC=30V, RS=10KΩ
65*
dB
PSR
Power Supply Rejection
VCC=30V
65*
dB
CS
Channel Separation
f=1KHz to 20KHz,VCC=30V
-120*
dB
ISC
Maximum Output Short
Circuit to GND
VCC=5.0V
60*
mA
Isource
Minimum Source Output
Current
VIN+=1V, VIN-=0V, VCC=15V,
V0=0V
10
mA
Isink
Minimum Output Sink
Current
VIN+=0V, VIN-=1V, VCC=15V,
V0=15V
VIN+=0V, VIN-=1V, VCC=15V,
V0=0.2V
5
10*
12*
mA
µA
VIDR
Differential Input
Voltage Range
All VIN≥GND or V-Supply (if
used)
VCC*
V
*=@25
°C
3


Similar Part No. - IL2904

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904 Datasheet
328Kb / 6P
   Low Power Dual Operational Amplifier
IL2904 IKSEMICON-IL2904 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
IL2904D IKSEMICON-IL2904D Datasheet
328Kb / 6P
   Low Power Dual Operational Amplifier
IL2904D IKSEMICON-IL2904D Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
IL2904N IKSEMICON-IL2904N Datasheet
328Kb / 6P
   Low Power Dual Operational Amplifier
More results

Similar Description - IL2904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com