Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IL2902 Datasheet(PDF) 3 Page - Integral Corp.

Part No. IL2902
Description  Low Power Quad Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IL2902 Datasheet(HTML) 3 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IL2902
DC ELECTRICAL CHARACTERISTICS (TA=-40 to +85°C)
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIO
Maximum Input Offset
Voltage
VO=1.4V VCC=5.0-30V;RS=0Ω
VICM=0V to VCC-1.7V
9.0
5.0*
mV
∆V
IO/∆T
Input Offset Voltage
Drift
RS=0Ω, VCC=30V
7.0
µV/°C
IIO
Maximum Input Offset
Current
VCC=5.0V
150
50*
nA
∆I
IO/∆T
Input Offset Current
Drift
RS=0Ω, VCC=30V
10
pA/
°C
IIB
Maximum Input Bias
Current
VCC=5.0V
500
250*
nA
VICR
Input Common Mode
Voltage Range
VCC=30V
0
28
V
ICC
Maximum Power Supply
Current
RL=∞,VCC=30V,V0=0V
RL=∞,VCC=5V,V0=0V
3
1.2
mA
AVOL
Minimum Large Signal
Open-Loop Voltage Gain
VCC=15V, RL≥2KΩ
15
25*
V/mV
VOH
Minimum Output High-
Level Voltage Swing
VCC=30V,RL=2KΩ
VCC=30V,RL=10KΩ
26
27
V
VOL
Maximum Output Low-
Level Voltage Swing
VCC=5V,RL=10KΩ
20
mV
CMR
Common Mode
Rejection
VCC=30V, RS=10KΩ
65*
dB
PSR
Power Supply Rejection
VCC=30V
65*
dB
CS
Channel Separation
f=1KHz to 20KHz,VCC=30V
-120*
dB
ISC
Maximum Output Short
Circuit to GND
VCC=5.0V
60*
mA
Isource
Minimum Output Source
Current
VIN+=1V, VIN-=0V, VCC=15V,
V0=0V
10
mA
Isink
Minimum Output Sink
Current
VIN+=0V, VIN-=1V, VCC=15V,
V0=15V
VIN+=0V, VIN-=1V, VCC=15V,
V0=0.2V
5
10*
12*
mA
µA
VIDR
Differential Input
Voltage Range
All VIN≥GND or V-Supply (if
used)
VCC*
V
*=@25
°C
3


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LF444Quad Low Power JFET Input Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
UPC324LOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNEC
AU2902Low power quad operational amplifier 1 2 3 4 5 MoreNXP Semiconductors
WSL324RZLOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 List of Unclassifed Manufacturers
LPC660Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
IL324Low Power Quad Operational Amplifier 1 2 3 4 List of Unclassifed Manufacturers
TSH94HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics
LMC6024Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
TSH95HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn