Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3253BV-40U6T Datasheet(PDF) 5 Page - STMicroelectronics

Part # UPSD3253BV-40U6T
Description  Flash Programmable System Device with 8032 Microcontroller Core
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253BV-40U6T Datasheet(HTML) 5 Page - STMicroelectronics

  UPSD3253BV-40U6T Datasheet HTML 1Page - STMicroelectronics UPSD3253BV-40U6T Datasheet HTML 2Page - STMicroelectronics UPSD3253BV-40U6T Datasheet HTML 3Page - STMicroelectronics UPSD3253BV-40U6T Datasheet HTML 4Page - STMicroelectronics UPSD3253BV-40U6T Datasheet HTML 5Page - STMicroelectronics UPSD3253BV-40U6T Datasheet HTML 6Page - STMicroelectronics UPSD3253BV-40U6T Datasheet HTML 7Page - STMicroelectronics UPSD3253BV-40U6T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
µPSD3200 FAMILY
Figure 3. TQFP52 Connections
Note: NC = Not Connected
PU = Pull-up resistor required (2k
Ω for 3V devices, 7.5kΩ for 5V devices)
39 P1.5 / ADC1
38 P1.4 / ADC0
37 P1.3 / TXD1
36 P1.2 / RXD1
35 P1.1 / T2X
34 P1.0 / T2
33 VCC
32 XTAL2
31 XTAL1
30 P3.7 / SCL1
29 P3.6 / SDA1
28 P3.5 / T1
27 P3.4 / T0
PD1
PC7
PC6
PC5
PU
PC4
NC
VCC
GND
PC3
PC2
PC1
PC0
1
2
3
4
5
6
7
8
9
10
11
12
13
AI05790B


Similar Part No. - UPSD3253BV-40U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3253BV-40U6T STMICROELECTRONICS-UPSD3253BV-40U6T Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3253BV-40U6T STMICROELECTRONICS-UPSD3253BV-40U6T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3253BV-40U6T STMICROELECTRONICS-UPSD3253BV-40U6T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
More results

Similar Description - UPSD3253BV-40U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com