Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDH20116 Datasheet(PDF) 9 Page - Nihon Inter Electronics Corporation

Part # PDH20116
Description  THYRISTOR MODULE 200A / 1600V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDH20116 Datasheet(HTML) 9 Page - Nihon Inter Electronics Corporation

  PDH20116 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDH20116 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDH20116 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDH20116 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDH20116 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PDH20116 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PDH20116 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PDH20116 Datasheet HTML 8Page - Nihon Inter Electronics Corporation PDH20116 Datasheet HTML 9Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image


Similar Part No. - PDH20116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDH20116 NIEC-PDH20116 Datasheet
378Kb / 3P
   150A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PDH20116 KSS-PDH20116 Datasheet
992Kb / 8P
   Thyristor
More results

Similar Description - PDH20116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
   THYRISTOR MODULE 200A / 1600V
PDT20012 NIEC-PDT20012 Datasheet
258Kb / 5P
   THYRISTOR MODULE 200A / 1200to 1600V
logo
MacMic
MMK200T160UX6J MACMIC-MMK200T160UX6J Datasheet
264Kb / 4P
   1600V 200A Thyristor/Diode Module
logo
Nihon Inter Electronics...
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
   THYRISTOR MODULE 200A/1200 to 1600V
logo
MacMic
MMK200T160UX MACMIC-MMK200T160UX Datasheet
742Kb / 5P
   1600V 200A Three Phase DiodeThyristor Module
logo
Nihon Inter Electronics...
PD20116 NIEC-PD20116 Datasheet
176Kb / 6P
   DIODE MODULE - 200A/1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
   DIODE MODULE 200A/1200V/1600V
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
   THYRISTOR MODULE 100A / 1600V
logo
MacMic
MMK90A160UA MACMIC-MMK90A160UA Datasheet
522Kb / 5P
   1600V 90A thyristor Module
logo
Nihon Inter Electronics...
PGH7516AM NIEC-PGH7516AM Datasheet
233Kb / 4P
   THYRISTOR MODULE 75A / 1600V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com