Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT10012 Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # PDT10012
Description  THYRISTOR MODULE 100A/1200 to 1600V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT10012 Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  PDT10012 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT10012 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT10012 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT10012 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDT10012 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - PDT10012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT10012 NIEC-PDT10012 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
More results

Similar Description - PDT10012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH10012 NIEC-PCH10012 Datasheet
317Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PC10012 NIEC-PC10012 Datasheet
219Kb / 3P
   DIODE MODULE 100A/1200 to 1600V
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
   THYRISTOR MODULE 100A / 1600V
PDT6012 NIEC-PDT6012 Datasheet
273Kb / 5P
   THYRISTOR MODULE 60A / 1200 to 1600V
PCH6012 NIEC-PCH6012 Datasheet
269Kb / 5P
   THYRISTOR MODULE 60A/1200 to 1600V
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
   THYRISTOR MODULE 150A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
   THYRISTOR MODULE 30A/1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
   THYRISTOR MODULE 200A/1200 to 1600V
logo
MacMic
MMK150T160UX6J MACMIC-MMK150T160UX6J Datasheet
265Kb / 4P
   1600V 100A Thyristor/Diode Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com