Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX28343 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CX28343
Description  Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX28343 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CX28343 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX28343 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX28343 Datasheet HTML 9Page - List of Unclassifed Manufacturers CX28343 Datasheet HTML 10Page - List of Unclassifed Manufacturers CX28343 Datasheet HTML 11Page - List of Unclassifed Manufacturers CX28343 Datasheet HTML 12Page - List of Unclassifed Manufacturers CX28343 Datasheet HTML 13Page - List of Unclassifed Manufacturers CX28343 Datasheet HTML 14Page - List of Unclassifed Manufacturers CX28343 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 195 page
background image
28348-DSH-001-B
Mindspeed Technologies™
1
-1
1.0 Product Description
1.1
Overview
The CX28342/3/4/6/8 device includes two, three, four, six, and eight identical framers
that perform the following functions:
!
Signal encoding and decoding
!
Frame synchronization and recovery
!
Alarm detection and generation
!
Far End Alarm Control (FEAC) processing
!
Data link processing
!
Error and event counting
!
Signal and frame generation
Each framer in the CX28342/CX28343/CX28344/CX28346/CX28348 device can be
configured individually and is capable of operating at 44.736 Mbps in DS3 mode and
34.368 Mbps in E3 mode. Each framer is composed of a transmitter block and a receiver
block. In addition, the CX28342/3/4/6/8 framer includes a microprocessor interface.
Data into the receiver can be in B3ZS/HDB3, AMI, or NRZ format. The B3ZS/HDB3
or AMI data is decoded and the bipolar input is converted to unipolar. The data can then
be applied to a First In First Out (FIFO) buffer to reduce jitter on the incoming data. The
FIFO buffer provides a Voltage Controlled Oscillator (VCO) control signal to an
external clock recovery circuit. A dejittered clock (RXCKI) from the VCO can then be
used to read data from the FIFO buffer going to the remaining receiver circuitry.
Each of the receiver blocks provides framing recovery for the M13/M23 DS3, C-bit
Parity DS3, E3-G.751, and E3-G.832 formatted signals. The data bits are extracted
from the received frame and transferred serially to the system. The transmitter can
process serial data from an external pin. In addition, the transmitter can generate AIS/
RAI/RDI and IDLE code. The transmitter also transmits the Link Access Direct
(LAPD) data link data in HDLC format. The HDLC data is transmitted through a 128-
byte FIFO buffer. The microprocessor can use the FIFO status for data transfer. The
transmitter can transmit the FEAC channel data in several modes.
The microprocessor interface supports the Intel and Motorola microprocessors. The
microprocessor is responsible for configuration, control, and monitoring of the
framer. The framers have various event detectors, status indicators, and counters,
which are readable by the microprocessor. The microprocessor interface includes
(depending on the device) one (CX28342/3/4) or two (CX28346/8) interrupt pins that
combine several sources of individually masked interrupts (i.e. the start and end of
events, OOF, IDLE, AIS, and RAI/RDI). Status indicators that are available to the
microprocessor through status registers are start of a Severely Errored Framing Event
(SEF), Yellow Alarm (RAI, RDI), Alarm Indication Signal (AIS), Idle, Out of Frame
(OOF), and Loss of Signal (LOS).


Similar Part No. - CX28343

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX28331 CONEXANT-CX28331 Datasheet
562Kb / 68P
   Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28331-1X CONEXANT-CX28331-1X Datasheet
562Kb / 68P
   Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28331-3X CONEXANT-CX28331-3X Datasheet
562Kb / 68P
   Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28332 CONEXANT-CX28332 Datasheet
562Kb / 68P
   Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28332-1X CONEXANT-CX28332-1X Datasheet
562Kb / 68P
   Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
More results

Similar Description - CX28343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3141 MAXIM-DS3141 Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
REV: 012003
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
logo
Maxim Integrated Produc...
DS3144DK MAXIM-DS3144DK Datasheet
1Mb / 20P
   Quad DS3/E3 Framer Demo Kit Daughter Card
REV: 082203
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
   Bt8330EPJC - DS3/E3 Framer Revision
logo
Dallas Semiconductor
DS3171 DALLAS-DS3171 Datasheet
2Mb / 232P
   Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
DS3151 MAXIM-DS3151_07 Datasheet
694Kb / 61P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030607
logo
Dallas Semiconductor
DS3254 DALLAS-DS3254 Datasheet
925Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
DS3152 DALLAS-DS3152 Datasheet
788Kb / 60P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com