Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT8028 Datasheet(PDF) 1 Page - Integral Corp.

Part # BT8028
Description  SIMPLE MELODY GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

BT8028 Datasheet(HTML) 1 Page - Integral Corp.

  BT8028 Datasheet HTML 1Page - Integral Corp. BT8028 Datasheet HTML 2Page - Integral Corp. BT8028 Datasheet HTML 3Page - Integral Corp. BT8028 Datasheet HTML 4Page - Integral Corp. BT8028 Datasheet HTML 5Page - Integral Corp. BT8028 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
SIMPLE MELODY GENERATOR
BT8028-XX
FEATURES
• 127-note ROM memory
• 1.3V to 3.3V power supply and
low power consumption
• RC oscillator on chip
• One shot or level hold mode
• Sound range: 4 octaves, 2
series
• Tempo: 16 kinds
(presto-
largo)
• Direct piezo drive
FUNCTIONS
• Solution of automatic stop or repeat of the
melody
• Dynamic speaker can be driven with external
NPN transistor
• Two or three times repeat of melody (mask
option)
• Each note can be individually programmed to
be staccato or legato (mask option)
• Changing the contents of melody is possible
by reprogramming the maskable ROM
• Power on reset; melody begins from the first
note
• Start from the head of melody
• Bare chip or TO-92 are available
BT8028C-
XXL(S)
OUT
VCC
VSS
DESCRIPTION
The BT8028 is a CMOS LSI chip which electronically plays a prearranged melody. Selection of melody start signal is
possible by mask option: orders specification suffix "L" indicate Level Hold Mode, and suffix "S" indicate One Shot
Mode. The Universal version (as One Shot or Level Hold Mode) is possible also (suffix "U").
ABSOLUTE MAXIMUM RATINGS (Ta = 25oC)
Characteristic
Symbol
Value
Unit
DC Supply Voltage
VCC – VSS
-0.3 ~ 3.5
V
Input Voltage
VIN
VSS – 0.3 ~ VCC – 0.3
V
Operating Temperature
Topr
-20 ~ +65
oC
Storage Temperature
Tstg
-55 ~ +125
oC
ELECTRICAL CHARACTERISTICS (T
a = 25
oC, V
CC = 1.5V ;
unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Voltage
VCC
1.3
1.5
3.3
V
Supply Current
Stand-by
IS
0.1
1
Operating
ICC
Output
open
60
μA
Output Drive Current
IOH
VCC =1.3V, VO =0.8V
0.6
1.5
mA
Output Sink Current
IOL
VCC =1.3V, VO =0.5V
0.6
1.5
mA
Frequency Stability
ΔF/F
FOSC(1.6V) - FOSC(1.3V)
12
%
FOSC(1.3V)
1


Similar Part No. - BT8028

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
   RC oscillator on chip
More results

Similar Description - BT8028

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
FT66T-XX ETC2-FT66T-XX Datasheet
214Kb / 2P
   SIMPLE MELODY GENERATOR
UM338 ETC2-UM338 Datasheet
359Kb / 5P
   Simple Melody Generator
UM3161G ETC2-UM3161G Datasheet
94Kb / 1P
   Simple Melody Generator
logo
KODENSHI_AUK CORP.
KK8028-XX KODENSHI-KK8028-XX Datasheet
187Kb / 6P
   SIMPLE MELODY GENERATOR
logo
Micro Electronics
M66T MICRO-ELECTRONICS-M66T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
M67T MICRO-ELECTRONICS-M67T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
logo
UMC Corporation
UM66T UMC-UM66T Datasheet
288Kb / 4P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
BT66T ETC1-BT66T Datasheet
84Kb / 3P
   SIMPLE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM66T-68L BOWIN-UM66T-68L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com