Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80546KF Datasheet(PDF) 87 Page - Intel Corporation

Part # 80546KF
Description  64-bit Intel Xeon Processor MP with up to 8MB L3 Cache
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80546KF Datasheet(HTML) 87 Page - Intel Corporation

Back Button 80546KF Datasheet HTML 83Page - Intel Corporation 80546KF Datasheet HTML 84Page - Intel Corporation 80546KF Datasheet HTML 85Page - Intel Corporation 80546KF Datasheet HTML 86Page - Intel Corporation 80546KF Datasheet HTML 87Page - Intel Corporation 80546KF Datasheet HTML 88Page - Intel Corporation 80546KF Datasheet HTML 89Page - Intel Corporation 80546KF Datasheet HTML 90Page - Intel Corporation 80546KF Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 138 page
background image
64-bit Intel® Xeon™ Processor MP with up to 8MB L3 Cache Datasheet
87
6
Signal Definitions
6.1
Signal Definitions
Table 6-1. Signal Definitions (Sheet 1 of 9)
Name
Type
Description
A[39:3]#
I/O
A[39:3]# (Address) define a 240-byte physical memory address space. In sub-
phase 1 of the address phase, these pins transmit the address of a transaction.
In sub-phase 2, these pins transmit transaction type information. These signals
must connect the appropriate pins of all agents on the processor front side bus.
A[39:3]# are protected by parity signals AP[1:0]#. A[39:3]# are source
synchronous signals and are latched into the receiving buffers by
ADSTB[1:0]#.
On the active-to-inactive transition of RESET#, the processors sample a subset
of the A[39:3]# pins to determine their power-on configuration. See Section 8.1.
A20M#
I
If A20M# (Address-20 Mask) is asserted, the processor masks physical
address bit 20 (A20#) before looking up a line in any internal cache and before
driving a read/write transaction on the bus. Asserting A20M# emulates the
8086 processor's address wrap-around at the 1-Mbyte boundary. Assertion of
A20M# is only supported in real mode.
A20M# is an asynchronous signal. However, to ensure recognition of this signal
following an I/O write instruction, it must be valid 6 clks before the I/O write’s
response.
ADS#
I/O
ADS# (Address Strobe) is asserted to indicate the validity of the transaction
address on the A[39:3]# and transaction request type on REQ[4:0]# pins. All
bus agents observe the ADS# activation to begin parity checking, protocol
checking, address decode, internal snoop, or deferred reply ID match
operations associated with the new transaction. This signal must connect the
appropriate pins on all processor front side bus agents.
ADSTB[1:0]#
I/O
Address strobes are used to latch A[39:3]# and REQ[4:0]# on their rising and
falling edge.
AP[1:0]#
I/O
AP[1:0]# (Address Parity) are driven by the requestor one common clock after
ADS#, A[39:3]#, REQ[4:0]# are driven. A correct parity signal is electrically high
if an even number of covered signals are electrically low and electrically low if
an odd number of covered signals are electrically low. This allows parity to be
electrically high when all the covered signals are electrically high. AP[1:0]#
should connect the appropriate pins of all processor front side bus agents. The
following table defines the coverage for these signals.
BCLK[1:0]
I
The differential bus clock pair BCLK[1:0] determines the bus frequency. All
processor front side bus agents must receive these signals to drive their
outputs and latch their inputs.
All external timing parameters are specified with respect to the rising edge of
BCLK0 crossing the falling edge of BCLK1.
Request Signals
Subphase 1
Subphase 2
A[39:24]#
AP0#
AP1#
A[23:3]#
AP1#
AP0#
REQ[4:0]#
AP1#
AP0#


Similar Part No. - 80546KF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8054 BELDEN-8054 Datasheet
219Kb / 2P
   Magnet Wire, #28 Sol BC, PUR/NYL Ins
05-05-2023
logo
Knowles Electronics
8054 KNOWLES-8054 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
RAF ELECTRONIC HARDWARE
8054-440-S RAF-8054-440-S Datasheet
117Kb / 1P
   ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 80546KF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313079-001 INTEL-313079-001 Datasheet
3Mb / 104P
   Dual-Core Intel Xeon Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
   Dual-Core Intel Xeon Processor
logo
Advantech Co., Ltd.
FWA-5070 ADVANTECH-FWA-5070 Datasheet
850Kb / 2P
   1U Rackmount Network Appliance with Intel® Xeon® Processor Scalable Family, up to 4 NMC Slots
23-Sep-2022
FWA-6170 ADVANTECH-FWA-6170 Datasheet
1Mb / 2P
   2U Rackmount Network Appliance with Intel® Xeon® Processor Scalable Family, up to 8 NMC slots
14-Dec-2017
logo
PMC-Sierra, Inc
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000C PMC-RM7000C Datasheet
37Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
logo
DFI Inc
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
   Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
logo
Intel Corporation
243658-020 INTEL-243658-020 Datasheet
2Mb / 128P
   Intel Celeron Processor up to 1.10 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com