Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1211B Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF1211B
Description  315.0 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1211B Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF1211B Datasheet HTML 1Page - RF Monolithics, Inc RF1211B Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1211B-030102
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
fc
1, 2
315.00
MHz
Tolerance from 315.0 MHz
∆fc
±80
dB
Insertion Loss
IL
1
1.7
3.0
dB
3 dB Bandwidth
BW3
1, 2
500
700
800
kHz
Rejection
at fc - 21.4 MHz (Image)
1
40
50
dB
at fc - 10.7 MHz (LO)
15
40
Ultimate
80
Temperature
Operating Case Temp.
TC
3, 4
-40
+85
°C
Turnover Temperature
TO
22
37
52
°C
Turnover Frequency
fO
fc
MHz
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
≤10
ppm/yr
External Impedance
Series Inductance
L
1
86 nH (Pin 1), 82 nH (Pin 2)
Shunt Capacitance
C
9
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM RF1211B
SM8558-8 Case
Ideal Front-End Filter for Domestic Wireless Receivers
Low-Loss, Coupled-Resonator Quartz Design
Simple External Impedance Matching
Surface-Mount Ceramic Case with 52 mm2 Footprint
Complies with Directive 2002/95/EC (RoHS)
The RF1211B is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to pro-
vide front-end selectivity in 315.0 MHz receivers. Receiver designs using this filter include superhet with
10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wire-
less remote-control and security devices (especially for automotive keyless entry) operating in the USA
under FCC Part 15, in Canada under RSS-210, and in Italy
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater
than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s ad-
vanced SAW design and fabrication technology is utilized to achieve high performance and very low loss with
simple external impedance matching (not included). Our new patent pending solder seal process utilizes a
Faraday shield lid, which improves out of band rejection.
315.0 MHz
SAW Filter
RF1211B
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, f
c. Note that insertion loss, bandwidth,
and passband shape are dependent on the impedance matching component values and quality.
2. The frequency fc is defined as the midpoint between the 3dB frequencies.
3. Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4. The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f= fo [1- FTC (To - Tc)
2].
5. Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6. The design, manufacturing process, and specifications of this device are subject to change without notice.
7. One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.


Similar Part No. - RF1211B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1211 RFM-RF1211 Datasheet
167Kb / 2P
   315.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1211 MURATA-RF1211 Datasheet
210Kb / 2P
   315.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1211C RFM-RF1211C Datasheet
76Kb / 3P
   315.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1211C MURATA-RF1211C Datasheet
151Kb / 5P
   315.0 MHz SAW Filter
logo
List of Unclassifed Man...
RF1211D ETC1-RF1211D Datasheet
104Kb / 3P
   315.0 MHz SAW Filter
More results

Similar Description - RF1211B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1211D MURATA-RF1211D Datasheet
72Kb / 2P
   315.0 MHz SAW Filter
RF1417D MURATA-RF1417D Datasheet
98Kb / 5P
   315.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1211 RFM-RF1211 Datasheet
167Kb / 2P
   315.0 MHz SAW Filter
RF1417D RFM-RF1417D Datasheet
67Kb / 2P
   315.0 MHz SAW Filter
RO2073 RFM-RO2073 Datasheet
146Kb / 2P
   315.0 MHz SAW Filter
logo
List of Unclassifed Man...
RF1211D ETC1-RF1211D Datasheet
104Kb / 3P
   315.0 MHz SAW Filter
RF1415D ETC1-RF1415D Datasheet
109Kb / 3P
   315.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1402D RFM-RF1402D Datasheet
55Kb / 2P
   315.0 MHz SAW Filter
RF3417 RFM-RF3417 Datasheet
209Kb / 2P
   315.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1211 MURATA-RF1211 Datasheet
210Kb / 2P
   315.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com