Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNJ107W5ARA1 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LNJ107W5ARA1
Description  Surface Mount LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ107W5ARA1 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LNJ107W5ARA1 Datasheet HTML 1Page - Panasonic Semiconductor LNJ107W5ARA1 Datasheet HTML 2Page - Panasonic Semiconductor LNJ107W5ARA1 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Max. Ratings
Io
Rated
Cut Tape
Lighting
Process
(mW) (mA) (V)
(°C)
(mcd)
(mcd)
(mA)
VF(V)
P
Digi-Key
Price Each
Digi-Key
Tape & Reel
Panasonic
Fig.
Color
Lens
Tech.
PD
IF
VR
Topr
Typ.
Min.
IF
Typ.
Max. Typ. Part No.
1
10
100
Part No.
Size
Pricing
Part No.
0805 (2012) Gull Wing S-GW Type 2mm pitch Taping
Soft Orange
Yellow Diffused
GaAsP
60
20
3
-25~85
0.8
0.3
10
1.93
2.6
610
P492CT-ND
.17
.16
P492TR-ND
6,000
57.29/M
LN1871Y5TR
Amber
Yellow Diffused
GaAsP
60
20
4
-25~85
1
0.4
10
2
2.6
590
P11125CT-ND
.20
.18
.17
P11125TR-ND
6,000
57.29/M
LN1471YTR
Amber
Yellow Diffused
GaAsP
30
10
4
-30~85
1
0.4
5
1.9
2.4
590
P517CT-ND*
.18
.17
.16
P517TR-ND*
6,000
65.55/M
LN1471SYTR
5
Yellow Green
Green Diffused
GaP
60
20
4
-25~85
2.6
0.9
10
2.03
2.6
565
P491CT-ND
.17
.16
P491TR-ND
6,000
54.53/M
LN1371GTR
Yellow Green
Green Diffused
GaP
30
10
4
-30~85
2
0.7
5
1.9
2.4
565
P516CT-ND*
.18
.17
.16
P516TR-ND*
6,000
62.24/M
LN1371SGTR
High Bright
Yellow Green
Green Diffused
GaP
60
20
4
-25~85
5
3
10
2.03
2.6
565
P494CT-ND
.18
.17
P494TR-ND
6,000
56.74/M
LNJ306G5TR02
0805 (2012) Gull Wing S-GW Type 4mm pitch Taping
Ultra Bright Red
Red Diffused
GaAlAs
60
20
3
-25~85
5
1.7
10
1.72
2.5
660
P11505CT-ND
.21
.19
.17
P11505TR-ND
3,000
68.30/M
LN1271RALTRP
Orange
Red Diffused
GaAsP
30
10
3
-30~85
1
0.4
5
1.8
2.4
630
P11506CT-ND
.20
.18
.17
P11506TR-ND
3,000
65.55/M
LN1871SRTRP
Soft Orange
Yellow Diffused
GaAsP
60
20
3
-25~85
0.8
0.3
10
1.93
2.6
610
P11507CT-ND
.19
.18
.16
P11507TR-ND
3,000
62.79/M
LN1871Y5TRP
5
Amber
Yellow Diffused
GaAsP
30
10
4
-30~85
1
0.4
5
1.9
2.4
590
P11508CT-ND
.19
.18
.16
P11508TR-ND
3,000
62.79/M
LN1471SYTRP
Yellow Green
Green Diffused
GaP
60
20
4
-25~85
2.6
0.9
10
2.03
2.6
565
P11509CT-ND
.18
.17
.15
P11509TR-ND
3,000
59.49/M
LN1371GTRP
Yellow Green
Green Diffused
GaP
30
10
4
-25~85
2
0.7
5
1.9
2.4
565
P11510CT-ND
.19
.18
.16
P11510TR-ND
3,000
62.24/M
LN1371SGTRP
High Bright
Yellow Green
Green Diffused
GaP
60
20
4
-25~85
5
3
10
2.03
2.6
565
P11595CT-ND
.19
.18
.16
P11595TR-ND
3,000
62.24/M
LNJ306G5TUWQ
1206 (3216) Leadless with Flat Lens Type
High Bright Red
Red Diffused
GaAlAs
60
20
3
-30~85
7
2.3
10
1.72
2.5
660
P11141CT-ND
.18
.17
.16
P11141TR-ND
3,000
76.01/M
LNJ211R8ARA
Orange
Red Diffused
GaAsP
60
20
3
-30~85
1.8
0.7
10
1.93
2.6
630
P11526CT-ND
.21
.20
.18
P11526TR-ND
3,000
70.51/M
LNJ811R8DRA
Soft Orange
Yellow Diffused
GaAsP
60
20
3
-30~85
1
0.5
10
1.93
2.6
610
P11527CT-ND
.21
.20
.18
P11527TR-ND
3,000
70.51/M
LNJ811K8SRA
Amber
Yellow Diffused
GaAsP
60
20
4
-30~85
2.2
0.75
10
2
2.6
590
P11528CT-ND
.21
.20
.18
P11528TR-ND
3,000
70.51/M
LNJ411K8YRA
6
Yellow Green
Green Diffused
GaP
60
20
4
-30~85
5.5
1.8
10
2.03
2.6
565
P11529CT-ND
.20
.18
.17
P11529TR-ND
3,000
65.00/M
LNJ311G8TRA
Pure Green
Green Diffused
GaP
60
20
4
-30~85
0.7
0.25
10
2.03
2.6
555
P11531CT-ND
.23
.21
.19
P11531TR-ND
3,000
76.01/M
LNJ311G8PRA
High Bright Red
Red Diffused
GaAlAs
60
20
3
-30~85
7
2.3
10
1.72
2.5
660
P541CT-ND†
.18
.17
.16
P541TR-ND†
3,000
76.01/M
LNJ211R8ARU
Orange
Red Diffused
GaAsP
60
20
3
-30~85
1.8
0.7
10
1.93
2.6
630
P11540CT-ND†
.21
.20
.18
P11540TR-ND†
3,000
70.51/M
LNJ811R8DRU
Amber
Yellow Diffused
GaAsP
60
20
4
-30~85
2.2
0.75
10
2
2.6
590
P11596CT-ND†
.21
.20
.18
P11596TR-ND†
3,000
70.51/M
LNJ411K8YRU
Yellow Green
Green Diffused
GaP
60
20
4
-30~85
5.5
1.8
10
2.03
2.6
565
P540CT-ND†
.18
.17
.16
P540TR-ND†
3,000
65.00/M
LNJ311G8TRU
Ultra Bright InGaAlP / GaN LED
Ultra Bright Red
Red Diffused
InGaAlP
55
20
4
-30~85
15
8
10
1.92
2.5
645
P11532CT-ND
.35
.33
.30
P11532TR-ND
3,000
141.01/M
LNJ211R82RA
Orange
Red Diffused
InGaAlP
55
20
4
-30~85
32
17
10
2.03
2.5
630
P11533CT-ND
.35
.33
.30
P11533TR-ND
3,000
141.01/M
LNJ811R83RA
Orange
Red Diffused
InGaAlP
50
20
4
-30~85
6.5
3.5
10
1.9
2.5
620
P11534CT-ND
.35
.33
.30
P11534TR-ND
3,000
141.01/M
LNJ811R88RA
Soft Orange
Red Diffused
InGaAlP
55
20
4
-30~85
21
10
10
1.95
2.5
615
P11535CT-ND
.35
.33
.30
P11535TR-ND
3,000
141.01/M
LNJ811K87RA
Amber
Yellow Diffused
InGaAlP
55
20
4
-30~85
17
9
10
2
2.5
595
P11536CT-ND
.35
.33
.30
P11536TR-ND
3,000
141.01/M
LNJ411K84RA
6
Yellow Green
Green Diffused
InGaAlP
55
20
4
-30~85
12
6.4
10
2.03
2.5
575
P11537CT-ND
.35
.33
.30
P11537TR-ND
3,000
141.01/M
LNJ311G83RA
Blue
White Diffused
GaN
40
10
5
-25~85
8.5
4.5
5
3.2
3.7
470
P11539CT-ND
2.29
2.15
2.01
P11539TR-ND
3,000 1043.77/M
LNJ911W8BRA
Pure Green
White Diffused
GaN
40
10
5
-25~85
34
14.4
5
3
3.7
525
P11538CT-ND
2.29
2.15
2.01
P11538TR-ND
3,000 1043.77/M
LNJ611W8WRA
Amber
Yellow Diffused
InGaAlP
55
20
4
-30~85
17
9
10
2
2.5
595
P11541CT-ND†
.35
.33
.30
P11541TR-ND†
3,000
141.01/M
LNJ411K84RU
Blue
White Diffused
GaN
40
10
5
-25~85
8.5
4.5
5
3.2
3.7
470
P11543CT-ND†
2.29
2.15
2.01
P11543TR-ND†
3,000 1043.77/M
LNJ911W8BRU
Pure Green
White Diffused
GaN
40
10
5
-25~85
34
14.4
5
3
3.7
525
P11542CT-ND†
2.29
2.15
2.01
P11542TR-ND†
3,000 1043.77/M
LNJ611W8WRU
1206 (3216) Leadless with Micro Lens Type
High Bright Red
Red Diffused
GaAlAs
60
20
3
-30~85
10.5
4
10
1.72
2.5
660
P11511CT-ND
.23
.21
.19
P11511TR-ND
3,000
76.01/M
LNJ216C8ARA
Orange
Clear Non Diffused
GaAsP
60
20
3
-30~85
2.1
1.1
10
1.93
2.6
630
P11512CT-ND
.21
.20
.18
P11512TR-ND
3,000
70.51/M
LNJ816C8DRA
Soft Orange
Clear Non Diffused
GaAsP
60
20
3
-30~85
1.5
0.8
10
1.93
2.6
610
P11513CT-ND
.21
.20
.18
P11513TR-ND
3,000
70.51/M
LNJ816C8SRA
Amber
Yellow Diffused
GaAsP
60
20
4
-30~85
3.3
1.2
10
2
2.6
590
P11514CT-ND
.21
.20
.18
P11514TR-ND
3,000
70.51/M
LNJ416Q8YRA
Green
Green Diffused
GaP
60
20
4
-30~85
8.8
3.3
10
2.03
2.6
565
P11515CT-ND
.20
.18
.17
P11515TR-ND
3,000
65.00/M
LNJ316C8TRA
6
Green
Clear Non Diffused
GaP
60
20
4
-30~85
3.2
1.6
10
2.1
2.6
560
P11516CT-ND
.20
.18
.17
LNJ316C84RA
Pure Green
Clear Non Diffused
GaP
60
20
4
-30~85
1
0.4
10
2.03
2.6
555
P11517CT-ND
.23
.21
.19
P11517TR-ND
3,000
76.01/M
LNJ316C8PRA
Red
Clear Non Diffused
GaAlAs
60
20
3
-30~85
10.5
4
10
1.72
2.5
660
P11544CT-ND†
.23
.21
.19
P11544TR-ND†
3,000
76.01/M
LNJ216C8ARU
Orange
Clear Non Diffused
GaAsP
60
20
3
-30~85
2.1
1.1
10
1.93
2.6
630
P11545CT-ND†
.21
.20
.18
P11545TR-ND†
3,000
70.51/M
LNJ816C8DRU
Amber
Yellow Clear Non Diff.
GaAsP
60
20
4
-30~85
3.3
1.2
10
2
2.6
590
P11546CT-ND†
.21
.20
.18
P11546TR-ND†
3,000
70.51/M
LNJ416Q8YRU
Green
Clear Non Diffused
GaP
60
20
4
-30~85
8.8
3.3
10
2.03
2.6
565
P11547CT-ND†
.20
.18
.17
P11547TR-ND†
3,000
65.00/M
LNJ316C8TRU
Ultra Bright InGaAlP / GaN LED
Red
Clear Non Diffused
InGaAlP
55
20
4
-30~85
24
12.8
10
1.92
2.5
645
P11518CT-ND
.35
.33
.30
P11518TR-ND
3,000
141.01/M
LNJ216C82RA
Orange
Clear Non Diffused
InGaAlP
55
20
4
-30~85
48
25
10
2.03
2.5
630
P11519CT-ND
.35
.33
.30
P11519TR-ND
3,000
141.01/M
LNJ816C83RA
Orange
Clear Non Diffused
InGaAlP
55
20
4
-30~85
9.8
5.2
10
1.9
2.5
620
P11520CT-ND
.35
.33
.30
P11520TR-ND
3,000
141.01/M
LNJ816C88RA
Soft Orange
Clear Non Diffused
InGaAlP
55
20
4
-30~85
30
16
10
1.95
2.5
615
P11521CT-ND
.35
.33
.30
P11521TR-ND
3,000
141.01/M
LNJ816C87RA
6
Amber
Clear Non Diffused
InGaAlP
55
20
4
-30~85
26
13.8
10
2
2.5
595
P11522CT-ND
.35
.33
.30
P11522TR-ND
3,000
141.01/M
LNJ416C84RA
Yellow Green
Clear Non Diffused
InGaAlP
55
20
4
-30~85
22
11
10
2.03
2.5
575
P11523CT-ND
.35
.33
.30
P11523TR-ND
3,000
141.01/M
LNJ316C83RA
Blue
Clear Non Diffused
GaN
40
10
5
-25~85
12.8
6.8
15
3.2
3.7
470
P11525CT-ND
2.29
2.15
2.01
P11525TR-ND
3,000 1043.77/M
LNJ916C8BRA
Pure Green
Clear Non Diffused
GaN
40
10
5
-25~85
51
27.2
5
3
3.7
525
P11524CT-ND
2.29
2.15
2.01
P11524TR-ND
3,000 1043.77/M
LNJ616C8WRA
Yellow Green
Clear Non Diffused
InGaAlP
55
20
4
-30~85
22
11
10
2.03
2.5
575
P11548CT-ND†
.35
.33
.30
P11548TR-ND†
3,000
141.01/M
LNJ316C83RU
1206 (3216) Leadless with Dome Lens Type (30 degree)
High Bright Red
Clear
GaAlAs
60
20
3
-30~85
32
17
10
1.72
2.5
660
P596CT-ND
.40
.37
.34
P596TR-ND
2,000
127.24/M
LNJ218C8ARA
Orange
Clear Non Diffused
GaAsP
60
20
3
-30~85
9
4.5
20
1.93
2.6
630
P11563CT-ND
.28
.26
.24
P11563TR-ND
2,000
111.26/M
LNJ818C8DRA
Soft Orange
Clear Non Diffused
GaAsP
60
20
3
-30~85
5
2.7
20
1.93
2.6
610
P11564CT-ND
.28
.26
.24
P11564TR-ND
2,000
111.26/M
LNJ818C8SRA
Yellow Green
Clear
GaP
60
20
4
-30~85
25
10
10
2.03
2.6
565
P595CT-ND
.40
.37
.34
P595TR-ND
2,000
127.24/M
LNJ318C8TRA
7
Amber
Yellow Clear Non Diff.
GaAsP
60
20
4
-30~85
7
3.7
20
2
2.6
590
P11565CT-ND
.28
.26
.24
P11565TR-ND
2,000
111.26/M
LNJ418Q8YRA
Pure Green
Clear Non Diffused
GaP
60
20
4
-30~85
3.5
2
20
2.03
2.6
555
P11567CT-ND
.29
.27
.25
P11567TR-ND
2,000
116.77/M
LNJ318C8PRA
High Bright Red
Clear Non Diffused
GaAlAs
60
20
3
-30~85
32
17
20
1.72
2.5
660
P11576CT-ND
.29
.27
.25
P11576TR-ND
2,000
116.77/M
LNJ218C8ARU
Soft Orange
Clear Non Diffused
GaAsP
60
20
3
-30~85
5
2.7
10
1.03
2.6
610
P11577CT-ND
.28
.26
.24
P11577TR-ND
2,000
111.26/M
LNJ818C8SRU
Amber
Yellow Clear Non Diff.
GaAsP
60
20
4
-30~85
7
3.7
20
2
2.6
590
P11578CT-ND
.28
.26
.24
P11578TR-ND
2,000
111.26/M
LNJ418Q8YRU
Ultra Bright InGaAlP LED
Ultra Bright Red
Clear Non Diffused
InGaAlP
55
20
4
-30~85
75
40
20
1.92
2.5
645
P11568CT-ND
.55
.52
.47
P11568TR-ND
2,000
222.53/M
LNJ218C82RA
Orange
Non Diffused
InGaAlP
55
20
4
-30~85
160
85
20
2.03
2.5
630
P11569CT-ND
.55
.52
.47
P11569TR-ND
2,000
222.53/M
LNJ818C83RA
Orange
Clear Non Diffused
InGaAlP
55
20
4
-30~85
33
17.6
20
1.9
2.5
620
P11570CT-ND
.55
.52
.47
P11570TR-ND
2,000
222.53/M
LNJ818C88RA
7
Soft Orange
Clear Non Diffused
InGaAlP
55
20
4
-30~85
100
56
20
1.95
2.5
615
P11571CT-ND
.55
.52
.47
P11571TR-ND
2,000
222.53/M
LNJ818C87RA
Amber
Clear Non Diffused
InGaAlP
55
20
4
-30~85
85
45
20
2
2.5
595
P11572CT-ND
.55
.52
.47
P11572TR-ND
2,000
222.53/M
LNJ418C84RA
Yellow Green
Clear Non Diffused
InGaAlP
55
20
4
-30~85
110
58
20
2.03
2.5
575
P11573CT-ND
.55
.52
.47
P11573TR-ND
2,000
222.53/M
LNJ318C83RA
Yellow Green
Clear Non Diffused
InGaAlP
55
20
4
-30~85
110
58
10
2.03
2.5
575
P11579CT-ND†
.55
.52
.47
P11579TR-ND†
2,000
222.53/M
LNJ318C83RU
All prices are in British Pound Sterling and include duties.
uk.digikey.com — FREEPHONE: 0-800-587-0991 • 0-800-904-7786 — FREEFAX: 0-800-587-0992 • 0-800-904-7783
(UK051)
1165
000 (T043)
Surface Mount LEDs (Cont.)
(Continued)
0.4
C0.5
3.0
.5
.8
2.2
.65
.15
Cathode
Anode
4.6
.15
1.5
1.8
Fig. 9 — Gull Wing-GW Type
4.2
1.4
1.0
* Low current LED, same brightness as previous design with half the power, ideal for battery powered equipment.
† Thru-Board type
Fig. 8 — Leadless-Side View
2.2
1.8
Front
-
+
2.36
0.9
0.3
1.0
0.5
2.36
1.1
1.15
Anode
Cathode
1.
12
2.
Anode
Cathode
2
1.
1
2.
Fig. 7 — 1206 (3216) Leadless
Type, 30° Dome Lens
3.20
1.60
ø1.70
0.50
1.6
1.42
2.20
P596TR-ND
(Reversed Polarity)
Fig. 6 — 1206 (3216) LeadlessType
3.2
1.6
ø1.7
0.28
1.1
1.9
Anode
Cathode
2
1.
1
2.
P11511TR-ND
P11544TR-ND
(Reversed Polarity)
Anode
Cathode
1.
12
2.
.5 Cathode
Anode
0.7
1.1
1.4
CO.5
1
3.2
3
1.6
2
Fig. 10 — J-Lead-S Type
3.0
1.0~1.4
1.8
1.8
1.65
0.4
0.85
4
2
3
1
Orange
Green
0.55
0.3
Fig. 11 — TSS Bi-Color Type
1.25
0.4
0.4
2
4
1
3
1.6
K
p1164-1166 Pan SMT LEDs
3/11/05
5:50 PM
Page 2


Similar Part No. - LNJ107W5ARA1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ107W5ARA1 PANASONIC-LNJ107W5ARA1 Datasheet
30Kb / 1P
   Surface Mounting Chip LED
More results

Similar Description - LNJ107W5ARA1

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com