Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPE182N-416 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # NPE182N-416
Description  UNINSULATED DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

NPE182N-416 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  NPE182N-416 Datasheet HTML 1Page - Isahaya Electronics Corporation NPE182N-416 Datasheet HTML 2Page - Isahaya Electronics Corporation NPE182N-416 Datasheet HTML 3Page - Isahaya Electronics Corporation NPE182N-416 Datasheet HTML 4Page - Isahaya Electronics Corporation NPE182N-416 Datasheet HTML 5Page - Isahaya Electronics Corporation NPE182N-416 Datasheet HTML 6Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HYBRID IC
M57182N-416
UNINSULATED DC-DC CONVERTER
3
TYPICAL CHARACTERISTICS
OUTPUT VOLTAGE - INPUT VOLTAGE
CHARACTERISTICS(TYPICAL)
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
150
250
350
450
INPUT VOLTAGE Vi(V)
EFFICIENCY - LOAD CURRENT
(TYPICAL)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
LOAD CURRENT IL(mA)
OUTPUT VOLTAGE - LOAD CURRENT
CHARACTERISTICS(TYPICAL)
0
2
4
6
8
10
12
14
16
18
0
100
200
300
400
500
600
LOAD CURRENT IL(mA)
START-UP CHARACTERISTICS - 2
(TYPICAL)
0
10
20
30
40
50
60
0
50
100
150
200
INPUT VOLTAGE Vi(V)
START-UP CHARACTERISTICS - 1
(TYPICAL)
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
INPUT VOLTAGE Vi(V)
Vi=180V
Vi=280V
Vi=450V
Vi=280V
RL=53.3Ω
RL=53.3Ω
IL=200mA
DERATING CURVE
0
50
100
150
200
250
300
350
-10
103050
7090
OPERATING TEMPERATURE Ta(°C)


Similar Part No. - NPE182N-416

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPE-10034 AMPHENOL-NPE-10034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NPE-10044 AMPHENOL-NPE-10044 Datasheet
1Mb / 2P
   Rugged Environment Connector
NPE-10045 AMPHENOL-NPE-10045 Datasheet
1Mb / 2P
   Rugged Environment Connector
NPE-15044 AMPHENOL-NPE-15044 Datasheet
1Mb / 2P
   Rugged Environment Connector
NPE-15045 AMPHENOL-NPE-15045 Datasheet
1Mb / 2P
   Rugged Environment Connector
More results

Similar Description - NPE182N-416

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
M57182N-415AF ISAHAYA-M57182N-415AF Datasheet
222Kb / 6P
   UNINSULATED DC-DC CONVERTER
logo
List of Unclassifed Man...
M57182N-315 ETC-M57182N-315 Datasheet
118Kb / 5P
   UNINSULATED DC-DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-715B ISAHAYA-M57184N-715B Datasheet
128Kb / 5P
   HYBRID IC UNINSULATED DC-DC CONVERTER
M57182N-315 ISAHAYA-M57182N-315 Datasheet
120Kb / 5P
   HYBRID IC UNINSULATED DC-DC CONVERTER
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com