Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTP1R6N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP1R6N50P
Description  PolarHV Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP1R6N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP1R6N50P Datasheet HTML 1Page - IXYS Corporation IXTP1R6N50P Datasheet HTML 2Page - IXYS Corporation IXTP1R6N50P Datasheet HTML 3Page - IXYS Corporation IXTP1R6N50P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTP 1R6N50P
IXTY 1R6N50P
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 20 V; ID = 0.5 ID25, pulse test
0.7
1.4
S
C
iss
140
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
20
pF
C
rss
2.6
pF
t
d(on)
10
n s
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID =0.5 ID25
16
ns
t
d(off)
R
G = 20 Ω (External)
25
n s
t
f
16
ns
Q
g(on)
3.9
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
1.4
nC
Q
gd
1.3
nC
R
thJC
2.9 K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
typ.
Max.
I
S
V
GS = 0 V
1.6
A
I
SM
Repetitive
2.5
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
I
F = 1.6 A, -di/dt = 100 A/µs
400
n s
V
R = 100V
TO-252 AA Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
2.19
2.38
0.086
0.094
A1
0.89
1.14
0.035
0.045
A2
0
0.13
0
0.005
b
0.64
0.89
0.025
0.035
b1
0.76
1.14
0.030
0.045
b2
5.21
5.46
0.205
0.215
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.32
5.21
0.170
0.205
E
6.35
6.73
0.250
0.265
E1
4.32
5.21
0.170
0.205
e
2.28BSC
0.090BSC
e1
4.57BSC
0.180BSC
H
9.40
10.42
0.370
0.410
L
0.51
1.02
0.020
0.040
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
2.54
2.92
0.100
0.115
TO-220 Outline
Pins: 1 - Gate
2 - Drain


Similar Part No. - IXTP1R6N50P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP1R6N50P ISC-IXTP1R6N50P Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP1R6N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH16N80P IXYS-IXFH16N80P Datasheet
207Kb / 5P
   PolarHV Power MOSFET
IXTH36N50P IXYS-IXTH36N50P Datasheet
384Kb / 5P
   PolarHV Power MOSFET
IXTP10N60PM IXYS-IXTP10N60PM Datasheet
53Kb / 2P
   PolarHV Power MOSFET
IXTQ44N50P IXYS-IXTQ44N50P Datasheet
154Kb / 5P
   PolarHV Power MOSFET
IXTP8N50PM IXYS-IXTP8N50PM Datasheet
112Kb / 2P
   PolarHV Power MOSFET
99227 IXYS-99227 Datasheet
571Kb / 5P
   PolarHV Power MOSFET
IXTP2N60P IXYS-IXTP2N60P Datasheet
142Kb / 4P
   PolarHV Power MOSFET
IXTA3N50P IXYS-IXTA3N50P Datasheet
236Kb / 5P
   PolarHV Power MOSFET
IXTI10N60P IXYS-IXTI10N60P Datasheet
246Kb / 4P
   PolarHV Power MOSFET
IXTT26N50P IXYS-IXTT26N50P Datasheet
343Kb / 5P
   PolarHV Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com