Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1767 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA1767
Description  Silicon NPN triple diffusion planer type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA1767 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA1767 Datasheet HTML 1Page - Panasonic Semiconductor 2SA1767 Datasheet HTML 2Page - Panasonic Semiconductor 2SA1767 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC1473, 2SC1473A
Silicon NPN triple diffusion planer type
For general amplification
2SC1473 complementary to 2SA1018
2SC1473A complementary to 2SA1767
s Features
q
High collector to emitter voltage VCEO.
q
High transition frequency fT.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
250
300
200
300
7
100
70
750
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
2SC1473
2SC1473A
2SC1473
2SC1473A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff
current
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICEO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Cob
Conditions
VCE = 120V, IB = 0
VCE = 120V, IB = 0
IC = 100µA, IC = 0
IE = 1µA, IC = 0
VCE = 10V, IC = 5mA
IC = 50mA, IB = 5mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
200
300
7
30
50
typ
80
max
1
1
220
1.2
10
Unit
µA
V
V
V
MHz
pF
*h
FE Rank classification
Rank
P
Q
R
hFE
30 ~ 100
60 ~ 150
100 ~ 220
2SC1473
2SC1473A
2SC1473
2SC1473A


Similar Part No. - 2SA1767

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1767 PANASONIC-2SA1767 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type
More results

Similar Description - 2SA1767

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1350 PANASONIC-2SD1350 Datasheet
39Kb / 2P
   Silicon NPN triple diffusion planer type
logo
Galaxy Semi-Conductor H...
2SD2413 BILIN-2SD2413 Datasheet
149Kb / 3P
   Silicon NPN triple diffusion planer type
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SD2530 PANASONIC-2SD2530 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2420 PANASONIC-2SD2420 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2538 PANASONIC-2SD2538 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SC3869 PANASONIC-2SC3869 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion type
2SC3187 PANASONIC-2SC3187 Datasheet
36Kb / 2P
   Silicon NPN triple diffusion planer type(For small TV video output)
2SD2413 PANASONIC-2SD2413 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD1385 PANASONIC-2SD1385 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planer type(For low-frequency output amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com