Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKM260-MST Datasheet(PDF) 1 Page - SHIKUES Electronics

Part No. SKM260-MST
Description  2.0A Surface Mount Schottky Barrier Rectifiers - 40V-60V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

SKM260-MST Datasheet(HTML) 1 Page - SHIKUES Electronics

  SKM260-MST Datasheet HTML 1Page - SHIKUES Electronics SKM260-MST Datasheet HTML 2Page - SHIKUES Electronics SKM260-MST Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Low profile surface mounted application in order to
optimize board space
Tiny plastic SMD package
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
Silicon epitaxial planar chip, metal silicon junction
2.0A Surface Mount Schottky Barrier
Rectifiers - 40V-60V
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123ST / MINI SMA
Terminals :Plated terminals, solderable per MIL-STD-750,
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.0155 gram
Package outline
0.040(1.0)
0.036(0.9)
0.156(3.9)
0.140(3.5)
0.080(2.0)
0.064(1.6)
0.028(0.7)
0.044(1.1)
Dimensions in inches and (millimeters)
SOD-123ST
0.028(0.7)
0.044(1.1)
0.076(1.9)
0.040 (1.0)
0.092(2.3)
0.024 (0.6)
0.040 (1.0)
0.024 (0.6)
0.040 (1.0)
0.024 (0.6)
0.076(1.9)
0.092(2.3)
0.036(0.9)
0.052(1.3)
0.044(1.1)
0.060(1.5)
0.024(0.6)
0.040(1.0)
0.028(0.7)
0.044(1.1)
0.008(0.20)Typ.
0.012(0.3) Typ.
Forward rectified current (see Fig.1)
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Operating junction temperature range
Electrical characteristics (AT T =25
A
oC unless otherwise noted)
M
M
M
P
M
Storage temperature range
ax
ax
ax
ea
ax
im
im
im
k
im
u
u
u
fo
u
m
m
m continuous reverse voltage
rw
m
re
RMS
ar
in
pe
d
st
ti
su
an
tiv
vo
rg
ta
e p
lta
e
neo
ea
ge
cu
u
k
rre
s
P
P
ar
re
n
fo
arameter
am
ve
t 8
rw
e
rs
.3
ar
te
e
m
d
r
vo
s s
vo
lta
ingl
lta
ge
ge
e ha
at IF=2.0A
lf sine-wave
s
V
V
TSTG
s
ym
RRM
R
VR
Io
IF
TJ
ym
V
IR
b
MS
SM
b
F
ol
ol
SKM240-MST
–55 to +125
40
28
40
0.50
–65 to +175
2.0
50
SKM260-MST
60
42
60
0.70
Unit
A
°C
°C
A
V
V
V
V
mA
Unit
TJ
=25°C
Thermal characteristics
Typical thermal resistance junction to ambient
Typical thermal resistance junction to case
Parameter
sym
RθJA
bol
Unit
RθJC
°C/W
Maximum reverse leakage current
at rated VR
–55 to +150
0.5
20
TJ
=100°C
mA
°C/W
70
30
SKM240-MST
SKM260-MST
SKM240-MST
SKM260-MST
SKM240-MST THRU SKM260-MST
REV.08
1 of
3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn