Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKM260-MST Datasheet(PDF) 3 Page - SHIKUES Electronics

Part No. SKM260-MST
Description  2.0A Surface Mount Schottky Barrier Rectifiers - 40V-60V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

SKM260-MST Datasheet(HTML) 3 Page - SHIKUES Electronics

  SKM260-MST Datasheet HTML 1Page - SHIKUES Electronics SKM260-MST Datasheet HTML 2Page - SHIKUES Electronics SKM260-MST Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
24
SKM240-MST
SKM260-MST
26
Suggested solder pad layout
2
1
Dimensions in inches and (millimeters)
A
C
B
B
0.084 (2.10)
A
0.036 (0.90)
C
0.032 (0.80)
PACKAGE
SOD-123ST
D
D
0.032 (0.80)
REV.08
3 of 3
SKM240-MST THRU SKM260-MST


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn