Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSYT670-L+J Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSYT670-L+J
Description  Multi TOPLED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSYT670-L+J Datasheet(HTML) 1 Page - OSRAM GmbH

  LSYT670-L+J Datasheet HTML 1Page - OSRAM GmbH LSYT670-L+J Datasheet HTML 2Page - OSRAM GmbH LSYT670-L+J Datasheet HTML 3Page - OSRAM GmbH LSYT670-L+J Datasheet HTML 4Page - OSRAM GmbH LSYT670-L+J Datasheet HTML 5Page - OSRAM GmbH LSYT670-L+J Datasheet HTML 6Page - OSRAM GmbH LSYT670-L+J Datasheet HTML 7Page - OSRAM GmbH LSYT670-L+J Datasheet HTML 8Page - OSRAM GmbH LSYT670-L+J Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
1
1999-06-30
Multi TOPLED®
LSG T670, LSP T670, LSY T670
LOP T670, LYG T670, LYP T670
Besondere Merkmale
q
Gehäusebauform: P-LCC-4
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
beide Leuchtdiodenchips getrennt ansteuerbar
q
hohe Signalwirkung durch Farbwechsel der LED möglich
q
bei geeigneter Ansteuerung, Farbwechsel von pure green
über gelb und orange bis super-rot möglich
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (8-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
P-LCC-4 package
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
both chips can be controlled separately
q
high signal efficiency possible by color change of the LED
q
with appropriate controlling it is possible to change color
from pure green to yellow and orange to super-red
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (8 mm tape)
q
load dump resistant acc. to DIN 40839
Opto Semiconductors


Similar Part No. - LSYT670-L+J

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSYT670-HK SIEMENS-LSYT670-HK Datasheet
491Kb / 8P
   Multi TOPLED
LSYT670-J SIEMENS-LSYT670-J Datasheet
491Kb / 8P
   Multi TOPLED
LSYT670-JL SIEMENS-LSYT670-JL Datasheet
491Kb / 8P
   Multi TOPLED
LSYT670-K SIEMENS-LSYT670-K Datasheet
491Kb / 8P
   Multi TOPLED
More results

Similar Description - LSYT670-L+J

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
SFH331 OSRAM-SFH331_01 Datasheet
131Kb / 8P
   SMT Multi TOPLED
logo
Siemens Semiconductor G...
SFH331 SIEMENS-SFH331 Datasheet
54Kb / 7P
   SMT Multi TOPLED
LOGT671 SIEMENS-LOGT671 Datasheet
486Kb / 7P
   Multi TOPLED Bright Green Die
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSGT677 SIEMENS-LSGT677 Datasheet
484Kb / 7P
   Multi TOPLED Cathodes On One Side
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com