Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM6053SJ Datasheet(PDF) 2 Page - International Rectifier

Part # OM6053SJ
Description  HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM6053SJ Datasheet(HTML) 2 Page - International Rectifier

  OM6053SJ Datasheet HTML 1Page - International Rectifier OM6053SJ Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM6050SJ - OM6055SJ
ABSOLUTE MAXIMUM RATINGS (T
C = 25 C unless otherwise noted)
Parameter
Symbol
OM6050SJ OM6051SJ OM6052SJ OM6053SJ OM6054SJ OM6055SJ
Unit
Drain Source Voltage
V
DS
100
200
500
600
800
1000
V
Drain Gate Voltage (R
GS = 1.0 M )
V
DGR
100
200
500
600
800
1000
V
Continuous Drain Current @ T
C = 25°C
2
I
D
100
55
30
25
18
10
A
Continuous Drain Current @ TC = 100°C 2
I
D
43
23
13
10
7
4
A
Pulsed Drain Current1
I
DM
235
135
80
75
50
30
A
Max. Power Dissipation @ T
C = 25°C
P
D
280
W
Max. Power Dissipation @ T
C = 100°C
P
D
110
W
Linear Derating Factor Junction-to-Case
2.22
W/°C
Linear Derating Factor Junction-to-Ambient
.025
W/°C
Operating and Storage Temp. Range
T
J, Tstg
-55 to +150
° C
Lead Temperature (1/16" from case for 10 sec.)
275
° C
Notes: 1. Pulse Test: Pulse Width £ 300 msec, Duty Cycle £ 2%.
2. Package Pin Limitation: 35 Amps.
THERMAL RESISTANCE (MAXIMUM) @ T
A = 25 C
Junction-to-Case
R
thJC
.45
° C/W
Junction-to-Ambient (Free Air Operation)
R
thJA
40
° C/W
PRELIMINARY ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise noted)
Characteristic
Test Condition
Symbol
Part No.
Min.
Max.
Units
Gate Threshold Voltage
V
DS = VGS, ID = 250µA
V
GS(th)
All
2.0
4.0
V
Gate Source Leakage Current
V
GS = ±20 VDC
I
GSS
All
±100
nA
Off State Drain-Source Leakage
V
DS = VDSS x 0.8
T
C = 25°C
I
DSS
All
10
µA
V
GS = 0V
T
C = 125°C
I
DSS
All
.10
mA
OM6050SJ
100
OM6051SJ
200
Drain-Source Breakdown Voltage
V
GS = 0V, ID = 250 µA
V
DSS
OM6052SJ
500
V
OM6053SJ
600
OM6054SJ
800
OM6055SJ
1000
OM6050SJ
.014
OM6051SJ
.030
Drain-Source Breakdown Voltage
V
GS = 10V, ID = ID25 x 0.5
R
DS(on)
OM6052SJ
.160
OM6053SJ
.230
OM6054SJ
.500
OM6055SJ
.800
The above data is preliminary. Please contact factory for additional data
and the dynamic and switching characteristics.


Similar Part No. - OM6053SJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6056 ETC-OM6056 Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM6056SB ETC-OM6056SB Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM6057SB ETC-OM6057SB Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM6058SB ETC-OM6058SB Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM6059SB ETC-OM6059SB Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
More results

Similar Description - OM6053SJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM60N10S ETC-OM60N10S Datasheet
75Kb / 8P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
logo
International Rectifier
OM60N06SA IRF-OM60N06SA Datasheet
215Kb / 6P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
OM55N10SC IRF-OM55N10SC Datasheet
81Kb / 8P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
logo
List of Unclassifed Man...
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
logo
International Rectifier
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
logo
List of Unclassifed Man...
OM6025SC ETC2-OM6025SC Datasheet
40Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com