Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTX411T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTX411T
Description  EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX411T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTX411T Datasheet HTML 1Page - KEC(Korea Electronics) KTX411T Datasheet HTML 2Page - KEC(Korea Electronics) KTX411T Datasheet HTML 3Page - KEC(Korea Electronics) KTX411T Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 8. 13
2/4
KTX411T
Revision No : 2
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=20V, IE=0
-
-
0.1
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
DC Current Gain
hFE(1) (Note)
VCE=2V, IC=50
120
-
400
hFE(2)
VCE=2V, IC=1A (Pulse)
30
-
-
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=500 , IB=50
-
0.1
0.3
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=500 , IB=50
-
0.85
1.2
V
Transition Frequency
fT
VCE=10V, IC=50
-
180
-
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1
-
15
-
Note) hFE Classification
Y:120~240,
GR:200~400.
ELECTRICAL CHARACTERISTICS (Ta=25
)
DIODE D1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Forward Voltage
VF
IF=1.0A
-
0.4
0.45
V
Reverse Current
IR
VR=20V
-
-
200
TRANSISTOR Q1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn