Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT3807DQI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT3807DQI
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT3807DQI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT3807DQI Datasheet HTML 1Page - Integrated Device Technology IDT74FCT3807DQI Datasheet HTML 2Page - Integrated Device Technology IDT74FCT3807DQI Datasheet HTML 3Page - Integrated Device Technology IDT74FCT3807DQI Datasheet HTML 4Page - Integrated Device Technology IDT74FCT3807DQI Datasheet HTML 5Page - Integrated Device Technology IDT74FCT3807DQI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FCT3807D/E
3.3V CMOS 1-TO-10 CLOCK DRIVER
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
4. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fi = Input Frequency
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
3
4
pF
COUT
OutputCapacitance
VOUT = 0V
6
pF
NOTE:
1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names
Description
IN
Input
Ox
Outputs
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VCC
Input Power Supply Voltage
–0.5 to +4.6
V
VI
InputVoltage
–0.5 to +5.5
V
VO
OutputVoltage
–0.5toVCC+0.5
V
TJ
JunctionTemperature
150
°C
TSTG
StorageTemperature
–65to+165
°C
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
0.1
30
µA
∆ICC
Power Supply Current per Input HIGH
VCC = Max.
VIN = VCC - 0.6V
45
300
µA
ICCD
Dynamic Power Supply Current
VCC = Max.
VIN = VCC
80
120
µA/MHz
perOutput(3)
CL = 15pF
VIN = GND
AllOutputsToggling
IC
TotalPowerSupplyCurrent(4)
VCC = Max.
VIN = VCC
125
150
CL = 15pF
VIN = GND
AllOutputsToggling
VIN = VCC –0.6V
125
150
fi = 133MHz
VIN = GND
mA
VCC = Max.
VIN = VCC
155
195
CL = 15pF
VIN = GND
AllOutputsToggling
VIN = VCC –0.6V
160
195
fi = 166MHz
VIN = GND


Similar Part No. - IDT74FCT3807DQI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT3807DQI RENESAS-IDT74FCT3807DQI Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
More results

Similar Description - IDT74FCT3807DQI

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D_09 Datasheet
63Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807_14 Datasheet
109Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT3807D RENESAS-IDT74FCT3807D Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
   3.3V 1:10 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com