Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCF162835A Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT74ALVCF162835A
Description  3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74ALVCF162835A Datasheet(HTML) 4 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74ALVCF162835A
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
OPERATING CHARACTERISTICS, TA = 25°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Typical
Typical
Unit
CPD
PowerDissipationCapacitanceOutputsenabled
CL = 0pF, f = 10Mhz
30
35
pF
CPD
PowerDissipationCapacitanceOutputsdisabled
12.5
14
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fCLOCK
150
150
150
MHz
tPLH
PropagationDelay
1
4
4.6
1
3.5
ns
tPHL
Ax to Yx
tPLH
PropagationDelay
1.3
5.5
5.4
1.3
4.6
ns
tPHL
LE to Yx
tPLH
PropagationDelay
1.4
5.9
5.6
1.4
3.5
ns
tPHL
CLK to Yx
tPZH
OutputEnableTime
1.4
5.9
6
1.1
5
ns
tPZL
OE to Yx
tPHZ
OutputDisableTime
1
4.7
4.6
1.3
4.2
ns
tPLZ
OE to Yx
tW
Pulse Duration, LE HIGH
3.3
3.3
3.3
ns
tW
Pulse Duration, CLK HIGH or LOW
3.3
3.3
3.3
ns
tSU
Set-upTime,databeforeCLK
1.8
1.5
1
ns
tSU
Set-up Time, data before LE
↓, CLK HIGH
1.9
1.6
1.5
ns
tSU
Set-up Time, data before LE
↓, CLK LOW
1.3
1.1
1
ns
tH
Hold Time, data after CLK
0.6
0.6
0.6
ns
tH
Hold Time, data after LE
↓, CLK HIGH or LOW
1.4
1.7
1.4
ns
tSK(O)
OutputSkew(2)
——
500
ps
SWITCHING CHARACTERISTICS FROM 0°C TO 65°C, CL = 50pF
VCC = 3.3V ± 0.15V
Symbol
Parameter
Min.
Max.
Unit
tPLH
PropagationDelay
1.8
3.5
ns
tPHL
CLK to xYx


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn