Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPRF2738A-002C-PS031 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SPRF2738A-002C-PS031
Description  Low Power FM/FSK IF IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPRF2738A-002C-PS031 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SPRF2738A-002C-PS031 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPRF2738A-002C-PS031 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPRF2738A-002C-PS031 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPRF2738A-002C-PS031 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPRF2738A-002C-PS031 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPRF2738A-002C-PS031 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPRF2738A-002C-PS031 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPRF2738A-002C-PS031 Datasheet HTML 11Page - List of Unclassifed Manufacturers SPRF2738A-002C-PS031 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SPRF2738A
7. APPPLICATION CIRCUITS
7.1. 27MHz Wireless Mouse or Keyboard Receiver RF Module
SPRF2738A is almost compatible with MC3361
L1: Prevents Crystal from Base Tone Oscillating
F1: 455k Band Pass Filter
X1
26.690MHz
C1
2.2n
C6
27
L2
TOKO 8128
C12
39
L1
10uH
C5
30
R4
100
C7
104
C8
2.2n
C3
103
C13
C11
104
C10
103
F1
Murata CFWM455E
1
1
2
2
R5
47k
U1
SPRF2738A-PS031
R1
10k
VCC
*Note
Digital Data Output
27.145MHz RF Input
VCC
49.86MHz RF Input
Audio Output
Note: C8 capacitor value should be changed to 2.2nF when MC3361 is replaced.
7.2. 49MHz FM Baby Monitor Receiver
L1: Prevents Crystal from Base Tone Oscillating
F1: 455k Band Pass Filter
X1
49.405MHz
C6
27
L2
TOKO 8128
C12
39
L1
3.3uH
C5
30
R4
100
C7
104
C3
103
C13
C11
104
C10
103
F1
Murata CFWM455E
1
1
2
2
R5
47k
U1
SPRF2738A-PS031
R1
10k
C1
1u
C4
0.1u
R2
27k
C8
1n
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
8
APR. 30, 2003
Version: 1.2
Sunplus
Confidential
For
BRARSAAB
Use
Only


Similar Part No. - SPRF2738A-002C-PS031

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPR SYSTEMSENSOR-SPR Datasheet
1Mb / 4P
   Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
logo
Stackpole Electronics, ...
SPR SEI-SPR Datasheet
556Kb / 6P
   Discharge Path Resistor
10/22/2020
logo
Texas Instruments
SPR-1-08 TI-SPR-1-08 Datasheet
139Kb / 3P
[Old version datasheet]   SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-1-08BPL TI-SPR-1-08BPL Datasheet
139Kb / 3P
[Old version datasheet]   SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-1-10BPL TI-SPR-1-10BPL Datasheet
139Kb / 3P
[Old version datasheet]   SILICON MULTI-CHANNEL DETECTOR ARRAY
More results

Similar Description - SPRF2738A-002C-PS031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
TOKO, Inc
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
logo
NXP Semiconductors
MC3361 PHILIPS-MC3361 Datasheet
220Kb / 3P
   LOW POWER FM IF
March 28 1988
logo
Motorola, Inc
MC3371 MOTOROLA-MC3371 Datasheet
474Kb / 20P
   LOW POWER FM IF
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com