Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6613 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6613
Description  9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6613 Datasheet(HTML) 1 Page - Texas Instruments

  PT6613 Datasheet HTML 1Page - Texas Instruments PT6613 Datasheet HTML 2Page - Texas Instruments PT6613 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.ti.com/powertrends
For assistance or to order, call
(800) 531-5782
PT6610
Series
PT6610
SLTS124
(Revised 1/21/2000)
Standard Application
C1 = Required 330µF electrolytic (1)
C2 = Required 330µF electrolytic (1)
Q1= NFET-or Open Collector Gate
PT6610
11,12,13
14
7,8,9,10
4,5,6
3
1
C
OUT
+
C
IN
+
LOAD
V
oADJ
V
IN
STBY
COM
V
OUT
COM
V
oSENSE
Q1
Ordering Information
PT6611!
= +3.3 Volts
PT6613!
= +2.5 Volts
PT Series Suffix (PT1234X)
Case/Pin
Heat
Heat Spreader
Configuration
Spreader
with Side Tabs
Vertical Through-Hole
PR
Horizontal Through-Hole
DG
Horizontal Surface Mount EB
Note: Back surface
of product is
conducting metal.
Pin-Out Information
Pin
Function
1
Remote Sense
2
Do not connect
3
STBY*-Standby
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vout Adjust
9 AMP 5V STEP-DOWN INTEGRATED
SWITCHING REGULATOR
Single Device 9A Output
Input Voltage Range: 4.5V to 6.0V
Adjustable Output Voltage
90% Efficiency
Remote Sense Capability
Standby Function
Over-Temperature Protection
The PT6610 series is a high per-
formance +5V family of 14-Pin SIP
(Single In-line Package) Integrated
Switching Regulators (ISRs), designed
for stand alone operation in applica-
tions requiring as much as 9A of
output current.
Only two external capacitors are
required for proper operation. Please
note that this product does not include
short circuit protection.
Pkg Style 400
Specifications
Characteristics
PT6610 SERIES
(Ta = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = 60°C, 200 LFM, pkg P
0.1 (2)
9.0
A
Ta = 25°C, natural convection
0.1 (2)
7.0
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ 9.0A
Vo= +2.5/3.3V
4.5
6.0
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 9.0A
Vo-0.1
Vo+0.1
V
Ta = 0°C to 65°C
Output Voltage Adjust Range
Voadj
Pin 14 to Vo or ground
Vo= +3.3V
2.25
4.20
Vinmin=+4.5V or Vo+1.2V
Vo= +2.5V
1.80
3.50
V
(whichever is greater)
Line Regulation
Regline
4.5V
≤ Vin ≤ 6.0V, Io = 9.0A
Vo= +3.3V
±7
±17
mV
4.5V
≤ Vin ≤ 6.0V, Io = 9.0A
Vo= +2.5V
±7
±13
Load Regulation
Regload
Vin = +5V, 0.1 ≤ Io ≤ 9.0A
Vo= +3.3V
±17
±33
mV
Vo= +2.5V
±13
±25
Vo Ripple/Noise
Vn
Vin = 5V, Io = 9.0A
50
mVpp
Transient Response
ttr
Io step between 4.0A and 9.0A
100
µSec
with C2 = 330µF
Vos
Vo over/undershoot
150
mV
Efficiency
η
Vin = +5V, Io = 3.0A
Vo = +3.3V
90
%
Vo = +2.5V
88
Vin = +5V, Io = 9.0A
Vo = +3.3V
86
%
Vo = +2.5V
83
Switching Frequency
ƒo
4.5V
≤ Vin ≤ 6.0V
475
600
725
kHz
0.1A
≤ Io ≤ 9.0A
Absolute Maximum
Ta
Free Air Convection (40-60 LFM)
–40 (3)
—+85 (4)
°C
Operating Temperature Range
Over Vin and Io ranges with heat tab
Thermal Resistance
θ
ja
Free Air Convection (40-60 LFM)
25
°C/W
Storage Temperature
Ts
-40
+125
°C
Continued


Similar Part No. - PT6613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6613 TI1-PT6613 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6613L TI1-PT6613L Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
More results

Similar Description - PT6613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_1 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
logo
Texas Instruments
PT78HT200 TI-PT78HT200 Datasheet
216Kb / 3P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT300 TI-78HT300 Datasheet
187Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI-78ST200 Datasheet
199Kb / 3P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153 TI-78SR153 Datasheet
189Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT205 TI1-PT78HT205 Datasheet
483Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST105 TI1-78ST105 Datasheet
244Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT200 TI1-78HT200_09 Datasheet
501Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com