Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS71116ATP-12 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS71116ATP-12
Description  1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS71116ATP-12 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS71116ATP-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71116ATP-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71116ATP-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71116ATP-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71116ATP-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71116ATP-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71116ATP-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71116ATP-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71116ATP-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
GS71116ATP/J/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.07 12/2004
5/16
© 2001, GSI Technology
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
IIL
VIN = 0 to VDD
–1 uA
1uA
Output Leakage
Current
ILO
Output High Z
VOUT = 0 to VDD
–1 uA
1uA
Output High Voltage
VOH
IOH = –4 mA
2.4
Output Low Voltage
VOL
ILO = +4 mA
0.4V
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
–40 to 85°C
7 ns
8 ns
10 ns
12 ns
7 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
IDD
CE
≤ VIL
All other inputs
≥ VIH or ≤ VIL
Min. cycle time
IOUT = 0 mA
145 mA 125 mA 100 mA 85 mA
150 mA 130 mA 105 mA 90 mA
Standby
Current
ISB1
CE
≥ VIH
All other inputs
≥ VIH or ≤VIL
Min. cycle time
25 mA
20 mA
20 mA
15 mA
30 mA
25 mA
25 mA
20 mA
Standby
Current
ISB2
CE
≥ VDD – 0.2 V
All other inputs
≥ VDD – 0.2 V or ≤ 0.2 V
2 mA
5 mA


Similar Part No. - GS71116ATP-12

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71116AGP-10 GSI-GS71116AGP-10 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-10I GSI-GS71116AGP-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-12 GSI-GS71116AGP-12 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-12I GSI-GS71116AGP-12I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-7 GSI-GS71116AGP-7 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
More results

Similar Description - GS71116ATP-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com