Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS71116ATP-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS71116ATP-10
Description  1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS71116ATP-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS71116ATP-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71116ATP-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71116ATP-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71116ATP-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71116ATP-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71116ATP-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71116ATP-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71116ATP-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71116ATP-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GS71116ATP/J/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.07 12/2004
2/16
© 2001, GSI Technology
Fine Pitch BGA 64K x 16-Bump Configuration
6 mm x 8 mm, 0.75 mm Bump Pitch (Package U)
Top View
TSOP-II 64K x 16-Pin Configuration
Package TP
12
34
5
6
ALB
OE
A0
A1
A2
NC
BDQ16
UB
A3
A4
CE
DQ1
CDQ14 DQ15
A5
A6
DQ2
DQ3
D
VSS DQ13 NC
A7
DQ4
VDD
E
VDD DQ12 NC
NC
DQ5
VSS
FDQ11 DQ10
A8
A9
DQ7
DQ6
GDQ9
NC
A10
A11
WE
DQ8
HNC
A12
A13
A14
A15
NC
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A4
A3
A2
A1
A0
CE
DQ1
DQ2
DQ3
DQ4
VDD
VSS
DQ5
DQ6
DQ7
DQ8
WE
A15
A14
A13
A5
A6
A7
OE
UB
LB
DQ16
DQ15
DQ14
DQ13
VSS
VDD
DQ12
DQ11
DQ10
DQ9
NC
A8
A9
A10
Top view
21
22
24
23
A12
A11
44-pin
TSOP II
NC
NC


Similar Part No. - GS71116ATP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71116AGP-10 GSI-GS71116AGP-10 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-10I GSI-GS71116AGP-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-12 GSI-GS71116AGP-12 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-12I GSI-GS71116AGP-12I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-7 GSI-GS71116AGP-7 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
More results

Similar Description - GS71116ATP-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com