Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS71116TP-10 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GS71116TP-10
Description  1Mb Asynchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS71116TP-10 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GS71116TP-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev: 1.06 6/2000
7/15
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71116TP/J/U
AC Characteristics
* These parameters are sampled and are not 100% tested
Read Cycle 1: CE = OE = VIL, WE = VIH, UB and, or LB = VIL
Read Cycle
Parameter
Symbol
-10
-12
-15
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
---
12
---
15
---
ns
Address access time
tAA
---
10
---
12
---
15
ns
Chip enable access time (CE)
tAC
---
10
---
12
---
15
ns
Byte enable access time (UB, LB)
tAB
---
4
---
5
---
6
ns
Output enable to output valid (OE)
tOE
---
4
---
5
---
6
ns
Output hold from address change
tOH
3
---
3
---
3
---
ns
Chip enable to output in low Z (CE)
tLZ*
3
---
3
---
3
---
ns
Output enable to output in low Z (OE)
tOLZ*
0
---
0
---
0
---
ns
Byte enable to output in low Z (UB, LB)
tBLZ*
0
---
0
---
0
---
ns
Chip disable to output in High Z (CE)
tHZ*
---
5
---
6
---
7
ns
Output disable to output in High Z (OE)
tOHZ*
---
4
---
5
---
6
ns
Byte disable to output in High Z (UB, LB)
tBHZ*
---
3.5
---
3.5
---
4
---
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid


Similar Part No. - GS71116TP-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71116AGP-10 ETC1-GS71116AGP-10 Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AGP-10 GSI-GS71116AGP-10 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116AGP-10I ETC1-GS71116AGP-10I Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AGP-10I GSI-GS71116AGP-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116AGP-12 ETC1-GS71116AGP-12 Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
More results

Similar Description - GS71116TP-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com