Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES5108 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ES5108
Description  ADC with serial output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES5108 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES5108 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
continued from previous page
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Analog COMMON Voltage
(with respect to V )
25K
Between
Common and Posi-
tive Supply
2.8
3.0
3.2
V
Analog COMMON Temper-
ature Cofficient
25K
Between
Common
and
,
C TA
C
60
75
ppm/ C
Segment Drive Voltage
to
=9V
4
5
6
V
Back plane Drive Voltage
to
=9V
4
5
6
V
Supply Current (Does not
include COMMON current)
=0V
1.2
1.6
mA
Frequency counter input
level
V
DGND
+1.5
Input terminals :
BZINM, BZINS, MAX/MIN, HOLD, RESET, FREQ/VOLT, CLK, DP1, DP2, DP3
Input logic high voltage
V
Input logic low voltage
DGND
+1.5
Pull down current
=
5
A
AC Characteristics
Characteristics
Symbol
Min.
Typ.
Max.
Unit
LCD display frequency
167
Hz
Operating frequency
40
KHz
Buzzer drive frequency
2.5
KHz
FREQ-IN Waveform Rising Time
20
ns
FREQ-IN Waveform Falling Time
20
ns
FREQ-IN Waveform Pulse Width
17
ns
Clock Delay Time
1
5000
s
Data Set-up Time
500
ns
EOC Pulse Width
10
ms
Clock Pulse Width
500
ns
MAX/MIN duration
0.8
sec
MAX/MIN and HOLD Keys
Key debounce time
32
38
ms
Key hold time
50
ms
7
July 4, 2002


Similar Part No. - ES5108

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108 Datasheet
521Kb / 18P
   ADC with serial output
ES5108CE CYRUSTEK-ES5108CE Datasheet
521Kb / 18P
   ADC with serial output
ES5108D CYRUSTEK-ES5108D Datasheet
521Kb / 18P
   ADC with serial output
ES5108L CYRUSTEK-ES5108L Datasheet
521Kb / 18P
   ADC with serial output
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
More results

Similar Description - ES5108

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com