Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF5300 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5300
Description  Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5300 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5300 Datasheet HTML 1Page - Analog Devices ADRF5300 Datasheet HTML 2Page - Analog Devices ADRF5300 Datasheet HTML 3Page - Analog Devices ADRF5300 Datasheet HTML 4Page - Analog Devices ADRF5300 Datasheet HTML 5Page - Analog Devices ADRF5300 Datasheet HTML 6Page - Analog Devices ADRF5300 Datasheet HTML 7Page - Analog Devices ADRF5300 Datasheet HTML 8Page - Analog Devices ADRF5300 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADRF5300
Rev. 0 | Page 3 of 11
SPECIFICATIONS
VDD = 3.3 V, control voltage (VCTRL) = 0 V or VDD, TCASE = 25°C, and a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
24
32
GHz
INSERTION LOSS
Between RFC and RF1 or RFC and RF2
1.1
dB
ISOLATION
Between RFC and RF1 or RFC and RF2
38
dB
Between RF1 and RF2
38
dB
RETURN LOSS
RFC, RF1 (On) and RF2 (On)
22
dB
SWITCHING CHARACTERISTICS
Rise Time (tRISE) and Fall Time (tFALL)
10% to 90% of RF output
25
ns
On Time (tON) and Off Time (tOFF)
50% VCTRL to 90% of RF output
60
ns
RF Settling Time
0.1 dB
50% VCTRL to 0.1 dB of final RF output
70
ns
0.05 dB
50% VCTRL to 0.05 dB of final RF output
80
ns
INPUT LINEARITY
f = 24 GHz to 32 GHz
0.1 dB Power Compression (P0.1dB)
37
dBm
Input Third-Order Intercept (IP3)1
Two-tone input power = 20 dBm per tone, Δf = 1 MHz
65
dBm
SUPPLY CURRENT
VDD pin
Positive Supply Current (IDD)
450
µA
DIGITAL CONTROL INPUTS
CTRL pin
Input Voltage
Low (VINL)
0
0.8
V
High (VINH)
1.2
3.3
V
Input Current
Low (IINL)
<1
µA
High (IINH)
~11
µA
RECOMMENDED OPERATING CONDITIONS
VDD
3.15
3.45
V
Digital VCTRL
0
VDD
V
RF Input (RFIN) Power2
f = 24 GHz to 32 GHz, TCASE = 85°C, input at RFC,
RF1, or RF2
Steady State Average
28
dBm
Steady State Peak
36
dBm
Hot Switching Average
28
dBm
Hot Switching Peak
36
dBm
TCASE
−40
+105
°C
1
Performance is limited by the test setup.
2
For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.
TIMING SPECIFICATIONS
See Figure 14 for the timing diagram.
Table 2.
Parameter
Description
Min
Typ
Max
Unit
tPOWERUP1
Minimum wait time after power-up
50
µs
tHOLD
Minimum control switching time
40
µs
tSLEW
Maximum control rise and fall time
10
µs
1
A maximum of 10 dBm RF input power can be applied during the tPOWERUP wait time.


Similar Part No. - ADRF5300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
   Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5301 AD-ADRF5301 Datasheet
753Kb / 10P
   Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5301-EVALZ AD-ADRF5301-EVALZ Datasheet
753Kb / 10P
   Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5301BCCZN AD-ADRF5301BCCZN Datasheet
753Kb / 10P
   Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5301BCCZN-R7 AD-ADRF5301BCCZN-R7 Datasheet
753Kb / 10P
   Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
More results

Similar Description - ADRF5300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
   1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
   Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
   Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
   Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
logo
Tyco Electronics
MASWML017 MACOM-MASWML017 Datasheet
74Kb / 1P
   SPDT Reflective Switch 10.5 to 13.5 GHz
logo
Analog Devices
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
   10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
HMC986A AD-HMC986A Datasheet
324Kb / 11P
   0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
logo
Alpha Industries
AP640R5-00 ALPHA-AP640R5-00 Datasheet
66Kb / 2P
   24-40 GHz GaAs MMIC SPDT Reflective PIN Switch
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
   DC-40 GHz SPDT Reflective Switch
logo
Analog Devices
ADH347S AD-ADH347S Datasheet
218Kb / 7P
   DC to 14 GHz SPDT Non-Reflective Switch
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com