Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX5545G0083V9T1E2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FX5545G0083V9T1E2
Description  Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V, 3A with 380W/in3 Power Density Efficiency up to 95%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G0083V9T1E2 Datasheet(HTML) 4 Page - Vishay Siliconix

  FX5545G0083V9T1E2 Datasheet HTML 1Page - Vishay Siliconix FX5545G0083V9T1E2 Datasheet HTML 2Page - Vishay Siliconix FX5545G0083V9T1E2 Datasheet HTML 3Page - Vishay Siliconix FX5545G0083V9T1E2 Datasheet HTML 4Page - Vishay Siliconix FX5545G0083V9T1E2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 10126
For technical questions, contact FunctionPAK@vishay.com
www.vishay.com
Revision: 01-Mar-05
25
FX5545G008
Vishay
PWM MODE
Vout Vs. lout*
Vin = 4.0V
Vout Vs. Vin*
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3
3.05
3.1
3.15
0.5
1
1.5
02
2.5
3
3.5
lout (A)
3.2
3.25
3.3
3.35
3.4
3.45
3.5
45
6
3
3.05
3.1
3.15
37
3.5
4.5
5.5
6.5
lout = 1A
lout = 2A
lout = 3A
Vin (V)
Δ Temp Vs. lout*
Above 25°C Ambient Temperature Vin = 6.0V; Vout = 3.3V
Efficiency Vs. Lout*
Vout = 3.3A
30
40
50
60
0
10
20
0.5
13
0
3.5
1.5
2
2.5
lout (A)
60
70
80
90
100
0
0.5
2
2.5
3.5
1
1.5
3
95
85
75
65
lout (A)
Vout Vs. lout*
Vin = 4.0V
Vout Vs. Vin*
Vin = 6V
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1
1.05
1.1
1.15
0.5
1
1.5
02
2.5
3
3.5
lout (A)
1.2
1.25
1.3
1.35
1.4
1.45
1.5
45
6
1
1.05
1.1
1.15
23
7
Vin (V)
lout = 1A
lout = 2A
lout = 3A
Δ Temp Vs. lout*
Above 25°C Ambient Temperature Vin = 6.0V; Vout = 1.2V
Efficiency Vs. lout*
Vin = 4.0V; Vout = 1.2V
30
40
50
60
0
10
20
0.5
13
0
3.5
1.5
2
2.5
lout (A)
40
50
60
70
80
90
100
0
0.5
2
2.5
3.5
0
10
20
30
1
1.5
3
Vin = 4.0V
Vin = 5.0V
Iout (A)
* Note: Measurements were taken with Power supply: ZUP 20-40 from Nemic Lambda; Electronic load: 6063B from Agilent; Multimeter Fluke 45
from Fluke and 34401 digital multimeter from Agilent; Scope: Infiniium 54815A from Agilent


Similar Part No. - FX5545G0083V9T1E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1 VISHAY-FX5545G0052V7B1 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1E2 VISHAY-FX5545G0052V7B1E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5 VISHAY-FX5545G0052V7B5 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5E2 VISHAY-FX5545G0052V7B5E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
More results

Similar Description - FX5545G0083V9T1E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G108 VISHAY-FX5545G108 Datasheet
567Kb / 6P
   The Smallest and Low Profile 0.9V to 4.5V, 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter
Revision: 21-Jan-05
logo
Maxim Integrated Produc...
MAX17686 MAXIM-MAX17686 Datasheet
866Kb / 19P
   4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter
Rev 1; 4/19
MAX17524 MAXIM-MAX17524_V01 Datasheet
1Mb / 25P
   4.5V to 60V, Dual 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2019
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17687 MAXIM-MAX17687 Datasheet
751Kb / 19P
   4.5V to 60V Input, Ultra-Small, High-Efficiency, Iso-Buck DC-DC Converter
Rev 0; 12/18
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com