Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4526N Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4526N
Description  20-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4526N Datasheet(HTML) 2 Page - Texas Instruments

  PT4526N Datasheet HTML 1Page - Texas Instruments PT4526N Datasheet HTML 2Page - Texas Instruments PT4526N Datasheet HTML 3Page - Texas Instruments PT4526N Datasheet HTML 4Page - Texas Instruments PT4526N Datasheet HTML 5Page - Texas Instruments PT4526N Datasheet HTML 6Page - Texas Instruments PT4526N Datasheet HTML 7Page - Texas Instruments PT4526N Datasheet HTML 8Page - Texas Instruments PT4526N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4520 Series
20-W 48-V Input Isolated
DC/DC Converter
Specifications (Unless otherwise stated, Ta =25°C, Vin =48V, Cout =0µF, and Io =Iomax)
PT4520 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 15V
0.1 (1)
1.3
Vo = 12V
0.1 (1)
1.6
A
Vo =5.0V
0.1 (1)
—4
Vo ≤ 3.3V
0.1 (1)
—5
Input Voltage Range
Vin
Over Io Range
36
48
75
VDC
Set-Point Voltage Tolerance
Vo tol
±1
±1.5 (2)
%Vo
Temperature Variation
Regtemp
–40°
≤Ta≤ +85°C, Io =Iomin
±0.5
%Vo
Line Regulation
Regline
Over Vin range
±0.2
±1
%Vo
Load Regulation
Regload
Over Io range
±0.4
±1
(2)
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
—±2
±3
(2)
%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Vo = 15V
86
Vo = 12V
83
Vo =5.0V
82
Vo =3.3V
78
%
Vo =1.8V
67
Vo =1.5V
65
Vo =1.2V
59
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo ≥ 5.0V
0.5
%Vo
Vo ≤ 3.3V
15
mVpp
Transient Response
ttr
0.1A/µs load step, 50% to 100% Iomax
100
µs
∆Vtr
Vo over/undershoot
Vo ≥ 5.0V
±3
%Vo
Vo ≤ 3.3V
±150
mV
Current Limit Threshold
Ilim
Vin =36V, ∆Vo = –50mV
200
%Iomax
Output Voltage Adjust
Vo adj
±10
%
Switching Frequency
ƒs
Over Vin range
Vo≥ 5.0V
600
650
700
kHz
Vo ≤ 3.3V
800
850
900
Under-Voltage Lockout
UVLO
31
V
Remote On/Off (Pin 1)
Referenced to –Vin (pin 2)
High-Level Input Voltage
VIH
2.5
Open (3)
V
Low-Level Input Voltage
VIL
–0.2
0.8
Low-Level Input Current
IIL
–10
µA
Standby Input Current
Iin standby
pins 1 & 2 connected
7
10
mA
Internal Input Capacitance
Cin
0.5
µF
External Output Capacitance
Cout
0
220 (4)
µF
Isolation Voltage
Input–output/input–case
1500
V
Capacitance
Input to output
1100
pF
Resistance
Input to output
10
M
Operating Temperature Range
Ta
Over Vin range
–40
85 (5)
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
215 (6)
°C
Storage Temperature
Ts
–40
125
°C
Reliability
MTBF
Per Bellcore TR-332
4
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, method 2007.2,
Suffix N
20 (7)
G’s
20-2000Hz , soldered
Suffixes A & C
20 (7)
Weight
23
grams
Flammability
Materials meet UL 94V-0
Notes:
(1)The DC/DC converter will operate at no load with reduced specifications.
(2) For optimum voltage accuracy the ‘Remote Sense (+)’ and ‘Remote Sense (–)’ pins must be connected to +Vout and –Vout respectively.
(3)The Remote On/Off (pin 1)has an internal pull-up, and if it is left open circuit the PT4520 will operate when input power is applied. Refer to the
application notes for interface considerations.
(4)External output capacitance is not required for proper operation. Capacitamce may be added to improve the response to load transients. The maximum
total capacitance (including the load circuit) must not exceed 220µF, and the combined ESR of must not be less than 100m
Ω.
(5)See Safe Operating Area curves or contact the factory for the appropriate derating.
(6)During solder reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215°C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(7)The case pins on the through-hole package types (suffixes N & A)must be soldered. For more information see the applicable package outline drawing.
SLTS148B - JUNE 2000 - REVISED OCTOBER 2002


Similar Part No. - PT4526N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4500 TI1-PT4500 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4501 TI-PT4501 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4501 TI1-PT4501 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4526N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com