Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-ED57-PG4DD Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-ED57-PG4DD
Description  T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-ED57-PG4DD Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-ED57-PG4DD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Bin
Name
Min.
Max.
G
140
180
H
180
240
J
240
310
K
310
400
L
400
520
M
520
680
N
680
880
P
880
1150
Intensity Bin Limits
(mcd at 20 mA)
Tolerance for each bin limit is
± 15%.
Bin
Name
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Amber Color Bin Limits
(nm at 20 mA)
Tolerance for each bin limit is
± 0.5 nm.
Note:
1. Bin categories are established for
classification of products. Products
may not be available in all bin
categories.
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152 (Domestic/Interna-
tional), or 0120-61-1280 (Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5988-1855E
July 13, 2004
5988-3460EN


Similar Part No. - HLMP-ED57-PG4DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED57 AVAGO-HLMP-ED57 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-ED57-PG4DD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com