Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS32GCF200I Datasheet(PDF) 86 Page - Transcend Information. Inc.

Part # TS32GCF200I
Description  TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GCF200I Datasheet(HTML) 86 Page - Transcend Information. Inc.

Back Button TS32GCF200I Datasheet HTML 79Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 80Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 81Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 82Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 83Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 84Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 85Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 86Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 87Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttr
rriiia
a
alll C
C
CF
F
F C
C
Ca
a
ar
rrd
d
d
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~3
3
32
2
2G
G
GC
C
CF
F
F2
2
20
0
00
0
0III
Transcend Information Inc.
V1.2
86
398-399
V
Number of run time bad block (398=MSB, 399=LSB)
400
V
Number of spare block
401-402
V
Erase count (Low word)
403-405
F
‘SMI’
406
F
Number of max pair
407-410
V
Erase Count (407-408=High word, 409-410=Low word)
411-510
X
Vendor specific
511
V
Data structure checksum
F=the content of the byte is fixed and does not change.
V=the content of the byte is variable and may change depending on the state of the device or
the commands executed by the device.
X=the content of the byte is vendor specific and may be fixed or variable.
R=the content of the byte is reserved and shall be zero.
* 4 Byte value : [MSB] [2] [1] [LSB]
Above technical information is based on CFA standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this
product. Transcend reserves the right to make changes in specifications at any time without prior notice.


Similar Part No. - TS32GCF200I

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GCF133 TRANSCEND-TS32GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS32GCF400 TRANSCEND-TS32GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS32GCF600 TRANSCEND-TS32GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
More results

Similar Description - TS32GCF200I

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001SKR16H2 SCHNEIDER-9001SKR16H2 Datasheet
145Kb / 5P
   30mm SK TTR Mushroom
Jan 12, 2022
9001SKR16H13 SCHNEIDER-9001SKR16H13 Datasheet
144Kb / 5P
   30mm SK TTR Mushroom
Jan 12, 2022
9001KR16H2 SCHNEIDER-9001KR16H2 Datasheet
155Kb / 6P
   30mm TTR Mushroom, 2 C/O
Dec 23, 2021
9001KR16H13 SCHNEIDER-9001KR16H13 Datasheet
155Kb / 6P
   30mm TTR Mushroom, 1 C/O
Dec 23, 2021
logo
JMK Inc.
LL-1355-6.3BHT JMK-LL-1355-6.3BHT Datasheet
45Kb / 1P
   LL-1355-6.3BHT
logo
3PEAK INC.
LMV331TP 3PEAK-LMV331TP Datasheet
1Mb / 12P
   General Purpose, 1.8V, RRI, Open-Drain Output Comparators
logo
Epson Company
T0611 EPSON-T0611 Datasheet
613Kb / 1P
   Refi ll instructions Epson
logo
YAMAHA CORPORATION
YM2413B YAMAHA-YM2413B Datasheet
358Kb / 10P
   FM OPERATOR TYPE-LL
logo
Tak Cheong Electronics ...
ZM4728A TAK_CHEONG-ZM4728A Datasheet
566Kb / 4P
   1 Watt LL-41 Hermetically 1 Watt LL-41 Hermetically Regulators
logo
PHOENIX CONTACT
103073 PHOENIX-103073 Datasheet
144Kb / 6P
   EMD-SL-LL-230
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com