Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS32GCF200I Datasheet(PDF) 67 Page - Transcend Information. Inc.

Part # TS32GCF200I
Description  TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GCF200I Datasheet(HTML) 67 Page - Transcend Information. Inc.

Back Button TS32GCF200I Datasheet HTML 63Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 64Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 65Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 66Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 67Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 68Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 69Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 70Page - Transcend Information. Inc. TS32GCF200I Datasheet HTML 71Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttr
rriiia
a
alll C
C
CF
F
F C
C
Ca
a
ar
rrd
d
d
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~3
3
32
2
2G
G
GC
C
CF
F
F2
2
20
0
00
0
0III
Transcend Information Inc.
V1.2
67
Card sets BSY, sets the Sector Count Register to 00h, clears BSY and generates an interrupt.
If the CompactFlash Storage Card is in Idle mode, the CompactFlash Storage Card sets BSY, sets the Sector
Count Register to FFh, clears BSY and generates an interrupt.
Idle - 97h or E3h
This command causes the CompactFlash Storage Card to set BSY, enter the Idle mode, clear BSY and
generate an interrupt. If the sector count is non-zero, it is interpreted as a timer count with each count being 5
milliseconds and the automatic power down mode is enabled. If the sector count is zero, the automatic power
down mode is disabled. Note that this time base (5 msec) is different from the ATA specification.
Idle Immediate - 95h or E1h
This command causes the CompactFlash Storage Card to set BSY, enter the Idle mode, clear BSY and
generate an interrupt.
Set Sleep Mode- 99h or E6h


Similar Part No. - TS32GCF200I

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GCF133 TRANSCEND-TS32GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS32GCF400 TRANSCEND-TS32GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS32GCF600 TRANSCEND-TS32GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
More results

Similar Description - TS32GCF200I

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001SKR16H2 SCHNEIDER-9001SKR16H2 Datasheet
145Kb / 5P
   30mm SK TTR Mushroom
Jan 12, 2022
9001SKR16H13 SCHNEIDER-9001SKR16H13 Datasheet
144Kb / 5P
   30mm SK TTR Mushroom
Jan 12, 2022
9001KR16H2 SCHNEIDER-9001KR16H2 Datasheet
155Kb / 6P
   30mm TTR Mushroom, 2 C/O
Dec 23, 2021
9001KR16H13 SCHNEIDER-9001KR16H13 Datasheet
155Kb / 6P
   30mm TTR Mushroom, 1 C/O
Dec 23, 2021
logo
JMK Inc.
LL-1355-6.3BHT JMK-LL-1355-6.3BHT Datasheet
45Kb / 1P
   LL-1355-6.3BHT
logo
3PEAK INC.
LMV331TP 3PEAK-LMV331TP Datasheet
1Mb / 12P
   General Purpose, 1.8V, RRI, Open-Drain Output Comparators
logo
Epson Company
T0611 EPSON-T0611 Datasheet
613Kb / 1P
   Refi ll instructions Epson
logo
YAMAHA CORPORATION
YM2413B YAMAHA-YM2413B Datasheet
358Kb / 10P
   FM OPERATOR TYPE-LL
logo
Tak Cheong Electronics ...
ZM4728A TAK_CHEONG-ZM4728A Datasheet
566Kb / 4P
   1 Watt LL-41 Hermetically 1 Watt LL-41 Hermetically Regulators
logo
PHOENIX CONTACT
103073 PHOENIX-103073 Datasheet
144Kb / 6P
   EMD-SL-LL-230
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com