Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC50-21EWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # SC50-21EWA
Description  14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC50-21EWA Datasheet(HTML) 1 Page - Kingbright Corporation

  SC50-21EWA Datasheet HTML 1Page - Kingbright Corporation SC50-21EWA Datasheet HTML 2Page - Kingbright Corporation SC50-21EWA Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAB0384
REV NO: V.1
DATE: MAR/21/2002
PAGE: 1 OF 3
APPROVED:J.LU
CHECKED:
DRAWN:L.ZHANG
SC50-21EWA
HIGH EFFICIENCY RED
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.
Package Dimensions & Internal Circuit Diagram
Description
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
14.2mm(0.50INCH)SEVEN
SEGMENTDISPLAY
Features
!
0.50 INCH DIGIT HEIGHT.
!
LOW CURRENT OPERATION.
!
EXCELLENT CHARACTER APPEARANCE.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
I.C. COMPATIBLE.
!
CATEGORIZED FOR LUMINOUS INTENSITY.
!
MECHANICALLY RUGGED.
!
STANDARD : GRAY FACE, WHITE SEGMENT.


Similar Part No. - SC50-21EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC50-21GWA KINGBRIGHT-SC50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SC50-21SRWA KINGBRIGHT-SC50-21SRWA Datasheet
91Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SC50-21YWA KINGBRIGHT-SC50-21YWA Datasheet
90Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
More results

Similar Description - SC50-21EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC50-21GWA KINGBRIGHT-SC50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SC50-21SRWA KINGBRIGHT-SC50-21SRWA Datasheet
91Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SC50-21YWA KINGBRIGHT-SC50-21YWA Datasheet
90Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SA50-21GWA KINGBRIGHT-SA50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.50INCH) SEVEN SEGMENT DISPLAY
SA56-21SRWA KINGBRIGHT-SA56-21SRWA_06 Datasheet
123Kb / 4P
   14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
SA56-21SRWA KINGBRIGHT-SA56-21SRWA Datasheet
82Kb / 3P
   14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
SA56-21EWA KINGBRIGHT-SA56-21EWA Datasheet
126Kb / 4P
   14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
SC56-21SRWA KINGBRIGHT-SC56-21SRWA Datasheet
67Kb / 3P
   14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com