Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCS14 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HCS14
Description  SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS14 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS14_V02 Datasheet HTML 1Page - Texas Instruments SN74HCS14_V02 Datasheet HTML 2Page - Texas Instruments SN74HCS14_V02 Datasheet HTML 3Page - Texas Instruments SN74HCS14_V02 Datasheet HTML 4Page - Texas Instruments SN74HCS14_V02 Datasheet HTML 5Page - Texas Instruments SN74HCS14_V02 Datasheet HTML 6Page - Texas Instruments SN74HCS14_V02 Datasheet HTML 7Page - Texas Instruments SN74HCS14_V02 Datasheet HTML 8Page - Texas Instruments SN74HCS14_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1Y
2A
2Y
3A
3Y
GND
6A
6Y
5A
5Y
4A
V
CC
4Y
D or PW Package
14-Pin SOIC or TSSOP
Top View
1Y
2A
2Y
3A
3Y
GND
6A
6Y
5A
5Y
4A
4Y
PAD
1A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
BQA Package
14-Pin WQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
Input
Channel 1, Input A
1Y
2
Output
Channel 1, Output Y
2A
3
Input
Channel 2, Input A
2Y
4
Output
Channel 2, Output Y
3A
5
Input
Channel 3, Input A
3Y
6
Output
Channel 3, Output Y
GND
7
Ground
4Y
8
Output
Channel 4, Output Y
4A
9
Input
Channel 4, Input A
5Y
10
Output
Channel 5, Output Y
5A
11
Input
Channel 5, Input A
6Y
12
Output
Channel 6, Output Y
6A
13
Input
Channel 6, Input A
VCC
14
Positive Supply
Thermal Pad(1)
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply
1. BQA Package only.
www.ti.com
SN74HCS14
SCLS799B – JANUARY 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS14


Similar Part No. - SN74HCS14_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS14 TI1-SN74HCS14_V01 Datasheet
1,006Kb / 22P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS14_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14-Q1 TI-SN74HCS14-Q1_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14-Q1 TI1-SN74HCS14-Q1 Datasheet
226Kb / 15P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14_V01 Datasheet
1,006Kb / 22P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI1-SN74HCS14-Q1_V01 Datasheet
344Kb / 18P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V02 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
logo
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
logo
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com