Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBMB200A6 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PBMB200A6
Description  IGBT MODULE H-Bridge 200A 600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PBMB200A6 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PBMB200A6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PBMB200A6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PBMB200A6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT MODULE
MODULE
MODULE
MODULE H
H
H
H----Bridge 200A 600V
Bridge 200A 600V
Bridge 200A 600V
Bridge 200A 600V
PBMB200A6
PBMB200A6
PBMB200A6
PBMB200A6
CIRCUIT
OUTLINE DRAWING
MAXMUM RATINGS (Tc=25°C)
Item
Symbol
PBMB200A6
Unit
Collector-EmitterVoltage
VCES
600
V
Gate- EmitterVoltage
VGES
+/ -20
V
DC
IC
200
CollectorCurrent
1ms
ICP
400
A
CollectorPowerDissipation
PC
780
W
JunctionTemperature Range
Tj
-40 to +150
°C
StorageTemperature Range
Tstg
-40 to +125
°C
IsolationVoltage Terminal toBase AC,1min.)
VISO
2500
V
ModuleBase to Heatsink
MountingTorque
Bus Bar to Main Terminals
FTOR
3
N
•m
ELECTRICAL CHARACTERISTICS (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-EmitterCut-OffCurrent
ICES
VCE=600V,VGE=0V
-
-
2.0
mA
Gate-EmitterLeakage Current
IGES
VGE=+/-20V,VCE=0V
-
-
1.0
µA
Collector-EmitterSaturation Voltage
VCE(sat)
IC=200A,VGE=15V
-
2.1
2.6
V
Gate-EmitterThresholdVoltage
VGE(th)
VCE=5V,IC=200mA
4.0
-
8.0
V
InputCapacitance
Cies
VCE=10V,VGE=0V,f=1MHz
-
20,000
-
pF
RiseTime
tr
-
0.15
0.3
Turn-onTime
ton
-
0.25
0.4
Fall Time
tf
-
0.2
0.35
SwitchingTime
Turn-off Time
toff
VCC=300V
RL= 3 ohm
RG=3.6ohm
VGE=+/-15V
-
0.45
0.7
µs
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25°C)
Item
Symbol
Rated Value
Unit
DC
IF
200
ForwardCurrent
1ms
IFM
400
A
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
PeakForwardVoltage
VF
IF=200A,VGE=0V
-
1.9
2.4
V
Reverse RecoveryTime
trr
IF=200A,VGE=-10V,di/dt=200A/
µs
-
0.15
0.25
µs
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
-
-
0.16
ThermalImpedance
DIODE
Rth(j-c)
JunctiontoCase
-
-
0.38
°C/W
8-fasten-tabNo110
Dimension(mm)
ApproximateWeight:650g


Similar Part No. - PBMB200A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB200B12 NIEC-PBMB200B12 Datasheet
231Kb / 3P
   Full Bridge IGBT Module 200A/1200V
logo
National Instruments Co...
PBMB200B12 NI-PBMB200B12_15 Datasheet
231Kb / 3P
   200A, 1200V
logo
Nihon Inter Electronics...
PBMB200E6 NIEC-PBMB200E6 Datasheet
328Kb / 4P
   Full Bridge IGBT Module 200A/600V
logo
National Instruments Co...
PBMB200E6 NI-PBMB200E6_15 Datasheet
328Kb / 4P
   200A, 600V
More results

Similar Description - PBMB200A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB200E6 NIEC-PBMB200E6 Datasheet
328Kb / 4P
   Full Bridge IGBT Module 200A/600V
logo
MacMic
MMG200HB060H6EN MACMIC-MMG200HB060H6EN Datasheet
460Kb / 6P
   600V 200A IGBT Module
MMG200S060B6TC MACMIC-MMG200S060B6TC Datasheet
358Kb / 6P
   600V 200A IGBT Module
MMG200S060DE6EN MACMIC-MMG200S060DE6EN Datasheet
279Kb / 5P
   600V 200A IGBT Module
MMG200HB060B6EN MACMIC-MMG200HB060B6EN Datasheet
356Kb / 6P
   600V 200A IGBT Module
MMG200S060B6EN MACMIC-MMG200S060B6EN Datasheet
277Kb / 5P
   600V 200A IGBT Module
logo
Nihon Inter Electronics...
PBMB75E6 NIEC-PBMB75E6 Datasheet
261Kb / 4P
   IGBT Module-H Bridge 75A, 600V
PBMB150E6 NIEC-PBMB150E6 Datasheet
261Kb / 4P
   IGBT Module-H Bridge 150A, 600V
PBMB150A6 NIEC-PBMB150A6 Datasheet
112Kb / 3P
   IGBT MODULE H-Bridge 150A 600V
PBMB75A6 NIEC-PBMB75A6 Datasheet
114Kb / 3P
   IGBT MODULE H-Bridge 75A 600V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com