Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF502 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF502
Description  200kbps Fiber Optic Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF502 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF502 Datasheet HTML 1Page - OPTEK Technologies OPF502 Datasheet HTML 2Page - OPTEK Technologies OPF502 Datasheet HTML 3Page - OPTEK Technologies OPF502 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type OPF500, OPF510 Series
Electrical Characteristics (-40
o C to +85o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
VCC
Operating Supply Voltage
4.5
16.0
V
PIN
Input Sensitivity (OPF5X0,1,2)
1.0
1.5
µW
50% Duty Cycle Square Wave
PIN
Input Sensitivity (OPF5X5,6,7)
1.5
2.0
µW
50% Duty Cycle Square Wave
VOH
High Level Output Voltage
Buffer 10K Pull-up
VCC -1.5
V
PIN
> 2.0 µW, VCC = 4.5 V to 16 V
Inverter 10K Pull-up
VCC -1.5
V
PIN
< 0.1 µW, VCC = 4.5 V to 16 V
VOL
Low Level Output Voltage
Buffer, 10K Pull-up
Buffer Open-collector
0.4
V
PIN
< 0.1 µW, VCC = 4.5 V to 16 V
Inverter, 10K Pull-up
Inverter Open-collector
0.4
V
PIN
> 2.0 µW, VCC = 4.5 V to 16 V
ICC
Supply Current
5.0
12.0
mA
VCC = 4.5 V to 16 V, No load on output
BW
Bandwidth
200
kHz
PIN
> 2.0 µW, 50% Duty Cycle
PWD
Pulse With Distortion
10
%
1
µW < PIN < 100 µW,
f = 20 kHz, D.C. = 50%
tr
Buffer
300
ns
PIN = 1.5
µW, VCC = 5 V
tf
100
ns
tr
Inverter
100
ns
PIN
= 1.5 µW, VCC = 5 V
tf
300
ns
PART NUMBER GUIDE
OPF5XX
Optek Fiber Optic Component
Receiver
0 - Plastic TO-18 Hsg.
1 - Plastic TO-18 in SMA
2 - Plastic TO-18 in ST*
5 - Metal TO-46 Hsg.
6 - Metal TO-46 in SMA
7 - Metal TO-46 in ST
0 - 200kbps, 10K Pull-up buffer (non-inverting) output
1 - 200kbps, 10K Pull-up inverting output
*ST is a registered trade mark of AT&T.
8-93
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396


Similar Part No. - OPF502

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF5020 OPTEK-OPF5020 Datasheet
392Kb / 4P
   850nm Fast Ethernet Transceiver in 1 x 7 SMD Package
More results

Similar Description - OPF502

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
   Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
   Fiber Optic Receiver
logo
National Semiconductor ...
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
   Fiber-Optic Receiver
logo
Unity Opto Technology
MOF-R3K3 UOT-MOF-R3K3 Datasheet
63Kb / 4P
   Fiber Optic Receiver
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
   Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
   Fiber Optic Receiver
logo
TT Electronics.
OPF2416 TTELEC-OPF2416 Datasheet
719Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com