Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALN1F Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ALN1F
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALN1F Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ALN1F Datasheet HTML 14Page - List of Unclassifed Manufacturers ALN1F Datasheet HTML 15Page - List of Unclassifed Manufacturers ALN1F Datasheet HTML 16Page - List of Unclassifed Manufacturers ALN1F Datasheet HTML 17Page - List of Unclassifed Manufacturers ALN1F Datasheet HTML 18Page - List of Unclassifed Manufacturers ALN1F Datasheet HTML 19Page - List of Unclassifed Manufacturers ALN1F Datasheet HTML 20Page - List of Unclassifed Manufacturers ALN1F Datasheet HTML 21Page - List of Unclassifed Manufacturers ALN1F Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
33
ø30 Series Illuminated Pushbuttons ø30
LED
Round Extended with Half Shroud Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
Round Extended
ALGN2
AOLGN2
ALGNE2
AOLGNE2
BA9S
Momentary
Without Lamp
1NO-1NC
ALGN29911DN
See page 75 for
lamps.
2NO
ALGN29920DN
2NC
ALGN29902DN
LED
1NO-1NC
ALGN211DN
LSTD-*
2NO
ALGN220DN
2NC
ALGN202DN
Maintained
Without Lamp
1NO-1NC
AOLGN29911DN
See page 75 for
lamps.
2NO
AOLGN29920DN
2NC
AOLGN29902DN
LED
1NO-1NC
AOLGN211DN
LSTD-*
2NO
AOLGN220DN
2NC
AOLGN202DN
E12
Momentary
Without Lamp
1NO-1NC
ALGNE29911DN
See page 75 for
lamps.
2NO
ALGNE29920DN
2NC
ALGNE29902DN
LED
1NO-1NC
ALGNE211DN
LETD-*
2NO
ALGNE220DN
2NC
ALGNE202DN
Maintained
Without Lamp
1NO-1NC
AOLGNE29911DN
See page 75 for
lamps.
2NO
AOLGNE29920DN
2NC
AOLGNE29902DN
LED
1NO-1NC
AOLGNE211DN
LETD-*
2NO
AOLGNE220DN
2NC
AOLGNE202DN
Color Code and Operating Voltage Code
Specify a code in place of or  in the Part No.
Lens/LED Color Code
Operating Voltage Code
Input
Specify a lens/LED color code in place of .
A:
amber
G:
green
PW: pure white (LSTD only)
R:
red
S:
blue
W:
white
Y:
yellow
Use a pure white LED lamp for yellow illumina-
tion
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
Transformer
Dimensions
82.5 (4 blocks)
59.5 (2 blocks) 27.5
Panel Thickness 0.8 to 3.5
5.5
23
M3 Terminal Screw
M3.5 Terminal Screw
40
M3.5 Terminal
Screws
94 (2 blocks)
117 (4 blocks)
23
Panel Thickness 0.8 to 3.5
27.5
40
M3 Terminal Screw
M3.5 Terminal Screw
97 (4 blocks)
74 (2 blocks)
23.5
Panel Thickness 0.8 to 3.5
5.5
23
40
M3.5 Terminal
Screws
108.5 (2 blocks)
131.5 (4 blocks)
23
Panel Thickness 0.8 to 3.5
40
23.5
ALGN2/AOLGN2
BA9S/Full Voltage
ALGNE2/AOLGNE2
E12/Full Voltage
ALGNE2/AOLGNE2
E12/Transformer
ALGN2/AOLGN2
BA9S/Transformer
All dimensions in mm.
ø30
ø30
(14/03/18)


Similar Part No. - ALN1F

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN1100 ASB-ALN1100 Datasheet
146Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1100 ASB-ALN1100 Datasheet
328Kb / 3P
   Internally Matched LNA Module
June 2017
ALN1100BT ASB-ALN1100BT Datasheet
420Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1100BT ASB-ALN1100BT Datasheet
322Kb / 3P
   Internally Matched LNA Module
June 2017
ALN1100BT ASB-ALN1100BT_13 Datasheet
578Kb / 3P
   Internally Matched LNA Module
November 2008
More results

Similar Description - ALN1F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB8MP-1T04G ETC2-LB8MP-1T04G Datasheet
10Mb / 44P
   Flush Mount Switches & Pilot Lights
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
   Low profile pushbutton switches for harsh environments
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
   Cordsets For Harsh Environments
logo
List of Unclassifed Man...
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361J ETC2-HNF361J Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF361J ETC2-HF361J Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
logo
Glenair, Inc.
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
   Cordsets For Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
   Stability for harsh environments
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
   Cordsets For Harsh Environments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com