Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA5157P6X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSA5157P6X
Description  0.4-ohm Low Voltage SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA5157P6X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSA5157P6X Datasheet HTML 3Page - Fairchild Semiconductor FSA5157P6X Datasheet HTML 4Page - Fairchild Semiconductor FSA5157P6X Datasheet HTML 5Page - Fairchild Semiconductor FSA5157P6X Datasheet HTML 6Page - Fairchild Semiconductor FSA5157P6X Datasheet HTML 7Page - Fairchild Semiconductor FSA5157P6X Datasheet HTML 8Page - Fairchild Semiconductor FSA5157P6X Datasheet HTML 9Page - Fairchild Semiconductor FSA5157P6X Datasheet HTML 10Page - Fairchild Semiconductor FSA5157P6X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
6-Lead SC70, EIAJ SC88, 1.25mm Wide
Package Number MAA06A


Similar Part No. - FSA5157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA5157P6X FAIRCHILD-FSA5157P6X Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
FSA5157P6X FAIRCHILD-FSA5157P6X Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA5157P6X ONSEMI-FSA5157P6X Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
More results

Similar Description - FSA5157P6X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157_14 Datasheet
122Kb / 8P
   Ultra-Low 0.4 ohm SPDT Analog Switch
February, 2014 ??Rev. 2
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157 Datasheet
140Kb / 8P
   Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com