Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

537225 Datasheet(PDF) 1 Page - Festo Corporation.

Part No. 537225
Description  Vacuum generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537225 Datasheet(HTML) 1 Page - Festo Corporation.

  537225 Datasheet HTML 1Page - Festo Corporation. 537225 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vacuum generator
VN-05-H-T3-PI4-VI4-RO1-A
Part number: 537225
Data sheet
Feature
Value
Nominal width of Laval nozzle
0.45 mm
Width dimension
14 mm
Type code
VN
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
Standard
High negative pressure
Integrated function
Ejector pulse valve, pneumatic
Pneumatic muffler open
Design
T-shape
Symbol
00992043
Operating pressure for max. suction rate
3 bar
Operating pressure
1 bar ... 8 bar
Operating pressure for max. vacuum
4.9 bar
Max. vacuum
92 %
Nominal operating pressure
6 bar
Max. suction rate with respect to atmosphere
7.2 l/min
Air supply time at nominal operating pressure
3.63 s
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
0 °C ... 60 °C
Cleaning advice
Soap suds
Noise level at nominal operating pressure
56 dB(A)
Ambient temperature
0 °C ... 60 °C
Max. tightening torque
0.5 Nm
Product weight
49 g
Type of mounting
With through-hole
With H-rail
With accessories
Pneumatic connection 1
G1/8
Pneumatic connection 3
Pneumatic muffler open
Vacuum connection
G1/8
Material of connecting thread
Wrought aluminum alloy, anodized
Note on materials
Free of copper and PTFE
RoHS-compliant
2/23/21 - Subject to change - Festo AG & Co. KG
1/2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn