Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25300 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25300
Description  BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25300 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25300 Datasheet HTML 2Page - Texas Instruments BQ25300 Datasheet HTML 3Page - Texas Instruments BQ25300 Datasheet HTML 4Page - Texas Instruments BQ25300 Datasheet HTML 5Page - Texas Instruments BQ25300 Datasheet HTML 6Page - Texas Instruments BQ25300 Datasheet HTML 7Page - Texas Instruments BQ25300 Datasheet HTML 8Page - Texas Instruments BQ25300 Datasheet HTML 9Page - Texas Instruments BQ25300 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Table 7-1. Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
EN
6
AI
Device disable input. With POL pin floating, the device is enabled with EN pin floating or pulled low, and
the device is disabled if EN pin is pulled high. With POL pin grounded, the device is enabled with EN pin
pulled high, and the device is disabled with EN pin pulled low or floating.
NC
8
-
No connection. Keep this pin floating or grounded.
Thermal Pad
17
-
Ground reference for the device that is also the thermal pad used to conduct heat from the device. This
connection serves two purposes. The first purpose is to provide an electrical ground connection for the
device. The second purpose is to provide a low thermal-impedance path from the device die to the PCB.
This pad should be tied externally to a ground plane. Ground layer(s) are connected to thermal pad
through vias under thermal pad.
(1)
AI = Analog input, AO = Analog Output, AIO = Analog input Output, DI = Digital input, DO = Digital Output, DIO = Digital input Output,
P = Power
BQ25303J
SLUSDT8 – FEBRUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BQ25303J


Similar Part No. - BQ25300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25300 TI-BQ25300 Datasheet
1Mb / 32P
[Old version datasheet]   BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
BQ25300RTER TI-BQ25300RTER Datasheet
1Mb / 32P
[Old version datasheet]   BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
More results

Similar Description - BQ25300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25300 TI-BQ25300 Datasheet
1Mb / 32P
[Old version datasheet]   BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
BQ25306 TI-BQ25306_V01 Datasheet
260Kb / 10P
[Old version datasheet]   BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25306 TI1-BQ25306 Datasheet
177Kb / 7P
[Old version datasheet]   BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25302 TI-BQ25302 Datasheet
2Mb / 38P
[Old version datasheet]   BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
BQ25606 TI1-BQ25606 Datasheet
1Mb / 43P
[Old version datasheet]   Standalone 3.0-A, Single Cell Battery Charger With 40V Over Voltage Protection Controller
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
[Old version datasheet]   BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
logo
Unisonic Technologies
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com