Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2H60F2 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # P2H60F2
Description  FRD MODULE 60A/200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

P2H60F2 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  P2H60F2 Datasheet HTML 1Page - Nihon Inter Electronics Corporation P2H60F2 Datasheet HTML 2Page - Nihon Inter Electronics Corporation P2H60F2 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - P2H60F2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
P2H60F2 KSS-P2H60F2 Datasheet
426Kb / 2P
   Fast Recovery Diode
logo
National Instruments Co...
P2H60F2 NI-P2H60F2_15 Datasheet
208Kb / 2P
   60A Avg 200 Volts
More results

Similar Description - P2H60F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
P2H60F6 NIEC-P2H60F6 Datasheet
154Kb / 3P
   FRD MODULE 60A/600V
P2H60F4 NIEC-P2H60F4 Datasheet
155Kb / 3P
   FRD MODULE 60A/400V
P2H30F2 NIEC-P2H30F2 Datasheet
155Kb / 3P
   FRD MODULE 30A/200V
P2H80F2 NIEC-P2H80F2 Datasheet
155Kb / 3P
   FRD MODULE 80A/200V
PH270F2 NIEC-PH270F2 Datasheet
30Kb / 2P
   FRD MODULE 270A/200V/trr:150nsec
10DRA20 NIEC-10DRA20 Datasheet
58Kb / 5P
   FRD - 1A 200V 60ns
15KRA20 NIEC-15KRA20 Datasheet
64Kb / 5P
   FRD - 1.5A 200V 90ns
10ERB20 NIEC-10ERB20 Datasheet
70Kb / 5P
   FRD - 1A 200V 60ns
logo
MacMic
MM60F020PC MACMIC-MM60F020PC Datasheet
362Kb / 3P
   200V 60A FRED
logo
Nihon Inter Electronics...
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
   FRD MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com