Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM89T16R1 Datasheet(PDF) 30 Page - SyncMOS Technologies,Inc

Part # SM89T16R1
Description  8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89T16R1 Datasheet(HTML) 30 Page - SyncMOS Technologies,Inc

Back Button SM89T16R1 Datasheet HTML 26Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 27Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 28Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 29Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 30Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 31Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 32Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 33Page - SyncMOS Technologies,Inc SM89T16R1 Datasheet HTML 34Page - SyncMOS Technologies,Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
SyncMOS Technologies Inc.
SM89T16R1
8-Bits Micro-controller
With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM89T16R1 V1.0 JANUARY 2005
30
Economy Mode
The power consumption of microcontroller relates to operating frequency. The SM89T16R1 offers an Economy mode
to reduce the internal clock rate dynamically without external components. By default, one machine cycle needs 4
clocks. In Economy mode, software can select 4, 64, or 1024 clocks per machine cycle. It keeps the CPU operating a
acceptable speed but eliminates the power consumption. In the Idle mode, the clock of the core logic is stopped, but
all clocked peripherals such as timer are still running at a rate of clock/4. In the Economy mode, all clocks peripherals
run at the same reduced clocks rate as in core logic. So the Economy mode may provide lower power consumption
than Idle mode.
Software invokes the Economy mode by setting the appropriate bits in the SFRs. Setting the bits CD0 (PMR.6), CD1
(PMR.7) decides the instruction cycle rate as below:
PMR ($D1H)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CD1
CD0
XTOFF
CD1
CD0
Clocks/machine cycle
00
Reserved
01
4
10
64
11
1024
Change Clock
Test Internal RC oscillator and External crystal switching
EXIF ($91H)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IE5
IE4
IE3
IE2
XT/~RG
IE5: When set to ‘1’, external interrupt 5 flag.
IE4: When set to ‘1’, external interrupt 4 flag.
IE3: When set to ‘1’, external interrupt 3 flag.
IE2: When set to ‘1’, external interrupt 2 flag.
XT/~RG: When set to ‘1’, the MCU used External Crystal.
When clear to ‘0’, the MCU used Internal RC Oscillator
This selection of instruction rate is going to take effect after a delay of one instruction cycle. Switching to divide by
64 or 1024 mode must first go from divide by 4 modes. This means software cannot switch directly between clock/64
and clock/1024 mode. The CPU has to return clock/4 mode first, then go to clock/64 or clock/1024 mode.
The SM89T16R1 allows the user to use internal RC oscillator instead of external crystal. Setting the XT/~RG bit
(EXIF.3) selects the crystal or RC oscillator as the clock source. When invoking RC oscillator in Economy mode,
software may set the XTOFF bit to turn off the crystal amplifier for saving power. The CPU would run at the clock
rate of approximately 2-4 MHz divided by 4, 64 or 1024. The RC oscillator is not precise so that cannot be invoked to
the operation that needs the accurate time-base such as serial communication. If crystal amplifier is disabled and RC
oscillator is present clock source, software must first clear the XTOFF bit to turn on crystal amplifier before switch to
crystal operation.
PMR ($D1H)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CD1
CD0
XTOFF
XTOFF: External Crystal off; if the XT/~RG bit set to 1, this bit (XTOFF) don’t care.


Similar Part No. - SM89T16R1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1C25 SYNCMOS-SM89T16R1C25 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1L16 SYNCMOS-SM89T16R1L16 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
More results

Similar Description - SM89T16R1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com